Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESP32 Datasheet(PDF) 60 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 60 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 52Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 53Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 54Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 55Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 56Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 57Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 58Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 59Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 60Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 60 / 60 page
background image
Revision History
Date
Version
Release notes
2017.05
V1.4
• Added a note to the frequency of the external crystal oscillator in Section
1.4.2: Clocks and Timers;
• Added a note to Section 2.4: Strapping Pins;
• Updated Section 3.7: RTC and Low-Power Management;
• Changed the maximum driving capability from 12 mA to 80 mA, in Table 11:
Absolulte Maximum Ratings;
• Changed the input impedance value of 50Ω, in Table 16: Wi-Fi Radio Char-
acteristics, to output impedance value of 30+j10 Ω;
• Added a note to No.8 in Table 24: Notes on ESP32 Pin Lists;
• Deleted GPIO20 in Table IO_MUX.
2017.04
V1.3
• Added Appendix: ESP32 Pin Lists;
• Updated Table: Wi-Fi Radio Characteristics;
• Updated Figure: ESP32 Pin Layout (for QFN 5*5).
2017.03
V1.2
• Added a note to Table: Pin Description;
• Updated the note in Section: Internal Memory.
2017.02
V1.1
• Added Chapter: Part Number and Ordering Information;
• Updated Section: MCU and Advanced Features;
• Updated Section: Block Diagram;
• Updated Chapter: Pin Definitions;
• Updated Section: CPU and Memory;
• Updated Section: Audio PLL Clock;
• Updated Section: Absolute Maximum Ratings;
• Updated Chapter: Package Information;
• Updated Chapter: Learning Resources.
2016.08
V1.0
First release.
Espressif Systems
53
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com