Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT88326VA Datasheet(PDF) 17 Page - Active-Semi, Inc

Part # ACT88326VA
Description  Advanced PMU with Bypass Switch, & Pushbutton Function
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88326VA Datasheet(HTML) 17 Page - Active-Semi, Inc

Back Button ACT88326VA Datasheet HTML 13Page - Active-Semi, Inc ACT88326VA Datasheet HTML 14Page - Active-Semi, Inc ACT88326VA Datasheet HTML 15Page - Active-Semi, Inc ACT88326VA Datasheet HTML 16Page - Active-Semi, Inc ACT88326VA Datasheet HTML 17Page - Active-Semi, Inc ACT88326VA Datasheet HTML 18Page - Active-Semi, Inc ACT88326VA Datasheet HTML 19Page - Active-Semi, Inc ACT88326VA Datasheet HTML 20Page - Active-Semi, Inc ACT88326VA Datasheet HTML 21Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
ACT88326VA
Rev 1.0, 29-May-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2018 Active-Semi, Inc
17
POWER OFF State
The POWER OFF state is a PMIC “safe state” or “shut-
down” state. In this state, all the regulator outputs are
turned off. LDO1 has the option to be configured as an
“always-on” regulator so it stays on in the POWER OFF
state.
The ACT88326 enters POWER OFF at initial power on
when input power is applied to the IC and VIN is within
a valid range defined by the VIN_UV and VIN_OV
thresholds. nRESET is asserted low and all volatile and
non-volatile registers are reset to defaults. If the input
voltage drops below the VIN_UV threshold voltage, the
IC transitions from any other state to the POWER OFF
state. It is important to note a transition to POWER OFF
due to VIN_UV returns all volatile and non-volatile reg-
isters to their default states.
The ACT88326 can also enter POWER OFF from any
other state due to an nPB press that initiates the power
off sequence.
The ACT88326 momentarily enters POWER OFF dur-
ing a power cycle sequence.
The ACT88326 exits the POWER OFF state when the
I2C bit POWER OFF is cleared to 0, or the nPB pin is
pulled low for > 32ms.
POWER SEQUENCE START State
The POWER SEQUENCE START state is a transitional
state to power on the regulators. The IC is not intended
to operate in this state. When entering POWER SE-
QUENCE START from the SLEEP, DPSLP, and THER-
MAL states the IC transitions to the ACTIVE state when
all regulators are in regulation.
When entering POWER SEQUENCE START from the
POWER OFF state due to an nPB press, the IC remains
in POWER SEQUENCE START until nPB is released
AND the regulators are in regulation. If nPB is released
before the regulators are in regulation, the IC transitions
back to the POWER OFF state. If nPB is still pressed
and the regulators enter regulation and one of them has
a fault before nPB is released, the IC transitions back to
the POWER OFF state.
When entering POWER SEQUENCE START from the
POWER OFF state due to a power cycle sequence, the
IC stays in POWER SEQUENCE START for 0.5s before
exiting to the ACTIVE state.
ACTIVE State
The ACTIVE state is the normal operating state when
the input voltage is within the allowable range, all out-
puts are turned on, and no faults are present.
The ACT88326 enters the ACTIVE state from POWER
SEQUENCE START with a normal nPB startup, an I2C
startup, or a power cycle sequence.
It transitions from the THERMAL state directly to the
ACTIVE state when the die temperature drops back to
allowable limits. Note that when the outputs turn back
on during this transition, any outputs sequencing de-
pendent on VIN will turn on immediately. Any outputs
dependent on another output turn on with proper pro-
grammed delays.
SLEEP State
The SLEEP state is a low power mode for the operating
system. Each output can be programmed to be on or off
in the SLEEP state. The outputs follow their pro-
grammed sequencing delay times when turning on or
off as they enter or exit the SLEEP state. Buck1/2/3 can
be programmed to regulate to their VSET0 voltage,
VSET1 voltage, or be turned off in the SLEEP state.
LDO1/2 can be programmed to regulate to their VSET0
voltage or can be programmed to be turned off. Note
that LDO1/2 do not have a VSET1 voltage.
The IC enters SLEEP state via I2C register bit SLEEP,
I2C register bit SLEEP MODE, and a GPIO input pin.
The IC’s specific CMI determines the specific combina-
tion of these three inputs to enter SLEEP state. The I2C
bit SLEEP MODE is set at factory and cannot be
changed by the user. It controls the logical combination
of the GPIO input and the SLEEP register bit to enter
SLEEP state.
When SLEEP MODE is factory configured to 1, the log-
ical combination is an “OR” function and when SLEEP
MODE is factory configured to a 0, the logical combina-
tion is an “AND” function.
If no GPIOs are configured as a control input to enter
and exit SLEEP state then only the SLEEP register bit
controls the entry and exit of the SLEEP state.
Tables 1a and 1b shows the conditions to enter SLEEP
state. ACT88326’s I2C stays enabled in SLEEP state.
The IC exits the SLEEP state when the conditions to
enter SLEEP state are no longer present. Asserting nPB
low for > 32ms clears the SLEEP bit to 0 and the PMIC
exits SLEEP state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com