Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT88326VA Datasheet(PDF) 40 Page - Active-Semi, Inc

Part # ACT88326VA
Description  Advanced PMU with Bypass Switch, & Pushbutton Function
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88326VA Datasheet(HTML) 40 Page - Active-Semi, Inc

Back Button ACT88326VA Datasheet HTML 33Page - Active-Semi, Inc ACT88326VA Datasheet HTML 34Page - Active-Semi, Inc ACT88326VA Datasheet HTML 35Page - Active-Semi, Inc ACT88326VA Datasheet HTML 36Page - Active-Semi, Inc ACT88326VA Datasheet HTML 37Page - Active-Semi, Inc ACT88326VA Datasheet HTML 38Page - Active-Semi, Inc ACT88326VA Datasheet HTML 39Page - Active-Semi, Inc ACT88326VA Datasheet HTML 40Page - Active-Semi, Inc ACT88326VA Datasheet HTML 41Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
ACT88326VA
Rev 1.0, 29-May-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2018 Active-Semi, Inc
40
DVS
DVS using a GPIOx input is disabled. However, each output’s voltage can be individually controlled by changing its
VSET0 register contents via I2C.
VSYSMON
VSYSMON = 3.6V
Buck1 Voltage Setting
Buck1 reference voltage is 0.8V
Buck2 Voltage Setting
Buck2 reference voltage is 0.8V.
Buck3 Voltage Setting
Buck3 reference voltage is 0.8V.
LDO Voltage Setting
The LDO reference voltage is 0.8V.
Power Cycle1
EN_PB_PWRCYCL bit = 0. This disables the Power Cycle1 sequence.
Shutdown
EN_PB_PWRSHDN bit = 1. This enables the Power Off sequence that turns off all outputs and puts the IC into the
POWER OFF state when nPB is pulled low through 50kΩ for >



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com