Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT88326VA Datasheet(PDF) 24 Page - Active-Semi, Inc

Part # ACT88326VA
Description  Advanced PMU with Bypass Switch, & Pushbutton Function
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88326VA Datasheet(HTML) 24 Page - Active-Semi, Inc

Back Button ACT88326VA Datasheet HTML 20Page - Active-Semi, Inc ACT88326VA Datasheet HTML 21Page - Active-Semi, Inc ACT88326VA Datasheet HTML 22Page - Active-Semi, Inc ACT88326VA Datasheet HTML 23Page - Active-Semi, Inc ACT88326VA Datasheet HTML 24Page - Active-Semi, Inc ACT88326VA Datasheet HTML 25Page - Active-Semi, Inc ACT88326VA Datasheet HTML 26Page - Active-Semi, Inc ACT88326VA Datasheet HTML 27Page - Active-Semi, Inc ACT88326VA Datasheet HTML 28Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
ACT88326VA
Rev 1.0, 29-May-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2018 Active-Semi, Inc
24
If EN_PB_PWRCYCL and EN_PB_PWROFF are both
programmed to 1, asserting nPB for 4s-6s initiates the
Power Cycle1 sequence. Asserting nPB for >6s initiates
the Power Off sequence. If these bits are both
programmed to 0, both Power Cycle1 and Power Off are
disabled. These bits are factory set to a specific CMI
and cannot be changed.
Table 4 describes the functions available with the multi-
purpose push button pin (nPB pin).
Table 4: Summary of nPB Functions
GPIOx
The ACT88326 has four GPIO pins. Each GPIO is pro-
grammed for a specific function by the IC’s CMI. The
available functions are input triggers for sequencing
(EXT_PG), output triggers for sequencing (EXT_EN),
nRESET, nIRQ, DVS, voltage select pins for the voltage
regulators, LED drivers, and GPIO.
GPIO1 (pin D7). GPIO1 can be programmed for any of
the above functions except the LED drivers. It can be
programmed as an input or an open drain or push-pull
output.
GPIO2 (pin D6). GPIO2 is the same as GPIO1
GPIO3 (pin E6). GPIO3 can be programmed for all the
above functions including the LED drivers. It can be pro-
grammed as an input or an open drain output.
GPIO4 (pin C7). GPIO4 is the same as GPIO3
The GPIOs are 5.5V tolerant meaning they can go to
5.5V even if VIN_IO is less than 5.5V.
SCL, SDA
These are the I2C clock and data pins to the IC. They
have standard I2C functionality.
PGNDx
The PGNDx pins are the buck converter power ground
pins. They connect directly to the buck converters’ low
side FETs. Buck1 and Buck2 use pins D4, E4, and F4
(PGND12). Buck3 uses pin A5 (PGND3).
SWx
SWx are the switch nodes for the buck converters. They
connect directly to the buck inductor on the top layer.
FB_Bx
These are the feedback pins for the buck regulators.
They should be kelvin connected to the buck output ca-
pacitors.
LSG
LSG is the load switch FET gate drive pin.
LDOx
These are the LDO output pins. Each LDO output must
be bypassed to AGND with a 1uF capacitor.
AGND
AGND is the ground pin for the IC’s analog circuitry and
LDOs. AGND must be connected to the IC’s PGNDx
pins. The connection between AGND and the PGNDx
pins should not have high currents flowing through it.
Step-down DC/DC Converters
General Description
The ACT88326 contains three fully integrated step-
down converters. Buck1 is a 4A output, Buck2 and
Buck3 are 3A outputs. All buck converters are fixed
frequency, current-mode controlled, synchronous PWM
converters that achieve peak efficiencies of up to 95%.
The buck converters switch at 1.125MHz or 2.25MHz
and are internally compensated, requiring only three
small external components (Cin, Cout, and L) for
operation. The buck regulators minimize noise in
sensitive applications with the use of a switching phase
delay and offset. Additionally, all regulators are available
with a variety of standard and custom output voltages,
and may be software-controlled via the I2C interface for
systems that require advanced power management
functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com