Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5902WCCPZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADF5902WCCPZ
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902WCCPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADF5902WCCPZ Datasheet HTML 22Page - Analog Devices ADF5902WCCPZ Datasheet HTML 23Page - Analog Devices ADF5902WCCPZ Datasheet HTML 24Page - Analog Devices ADF5902WCCPZ Datasheet HTML 25Page - Analog Devices ADF5902WCCPZ Datasheet HTML 26Page - Analog Devices ADF5902WCCPZ Datasheet HTML 27Page - Analog Devices ADF5902WCCPZ Datasheet HTML 28Page - Analog Devices ADF5902WCCPZ Datasheet HTML 29Page - Analog Devices ADF5902WCCPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
ADF5902
Data Sheet
Rev. 0 | Page 26 of 39
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
00
00
00
0
1
0
1
C4(1) C3(1) C2(0) C1(0)
CONTROL
BITS
RESERVED
C5(0)
CHARGE PUMP
CURRENT
CC3
CC2
CC1
CC0
CTRI
0
0
0
000
0
0
0
0
ICP (mA)
5.1kΩ
00
00
0.28
00
01
0.56
00
10
0.84
00
11
1.12
01
00
1.40
01
01
1.68
01
10
1.96
01
11
2.24
10
00
2.52
10
01
2.80
10
10
3.08
10
11
3.36
11
00
3.64
11
01
3.92
11
10
4.20
11
11
4.48
CTRI
CP
TRISTATE
0
DISABLED
1
ENABLED
CC3
CC2
CC1
CC0
0
0
DBR1
RESERVED
1DBR = DOUBLE-BUFFERED REGISTER.
Figure 37. Register 12 (R12)
REGISTER 12
Control Bits
With Bits[C5:C1] set to 01100, Register R12 is programmed.
Figure 37 shows the input data format for programming this
register.
Reserved
Bits[DB31:DB21] and Bit DB16 are reserved and must be set as
shown in Figure 37.
Charge Pump Current Setting
Bits[DB20:DB17] set the charge pump current (see Figure 37). Set
these bits to the charge pump current that the loop filter is
designed with. The best practice is to design the loop filter for a
charge pump current of 2.24 mA or 2.52 mA and then use the
programmable charge pump current to adjust the frequency
response. See the Reference Doubler section for information on
setting the charge pump current when the doubler is enabled.
Charge Pump Tristate
When Bit DB15 is set to 1, the charge pump is placed in tristate
mode. For normal charge pump operation, set this bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com