Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5902WCCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADF5902WCCPZ
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902WCCPZ Datasheet(HTML) 1 Page - Analog Devices

  ADF5902WCCPZ Datasheet HTML 1Page - Analog Devices ADF5902WCCPZ Datasheet HTML 2Page - Analog Devices ADF5902WCCPZ Datasheet HTML 3Page - Analog Devices ADF5902WCCPZ Datasheet HTML 4Page - Analog Devices ADF5902WCCPZ Datasheet HTML 5Page - Analog Devices ADF5902WCCPZ Datasheet HTML 6Page - Analog Devices ADF5902WCCPZ Datasheet HTML 7Page - Analog Devices ADF5902WCCPZ Datasheet HTML 8Page - Analog Devices ADF5902WCCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
24 GHz, ISM Band, Multichannel
FMCW Radar Transmitter
Data Sheet
ADF5902
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
24 GHz to 24.25 GHz VCO (industrial, scientific, and medical
(ISM) radio band)
2-channel 24 GHz power amplifier with 8 dBm output
Single-ended outputs
2-channel muxed outputs with mute function
Programmable output power
LO output buffer
RF frequency range: 24 GHz to 24.25 GHz
Power control detector
Auxiliary 8-bit ADC
High and low speed FMCW ramp generation
25-bit fixed modulus allows subhertz frequency resolution
PFD frequencies up to 110 MHz
Normalized phase noise floor of −222 dBc/Hz
Programmable charge pump currents
±5°C temperature sensor
4-wire SPI
ESD performance
HBM: 2000 V
CDM: 250 V
Qualified for automotive applications
APPLICATIONS
Automotive radars
Industrial radars
Microwave radar sensors
GENERAL DESCRIPTION
The ADF5902 is a 24 GHz transmitter (Tx) monolithic microwave
integrated circuit (MMIC) with an on-chip, 24 GHz voltage
controlled oscillator (VCO). The VCO features a fractional-N
frequency synthesizer with waveform generation capability with
programmable grid array (PGA) and dual transmitter channels
for radar systems. The on-chip, 24 GHz VCO generates the
24 GHz signal for the two transmitter channels and the local
oscillator (LO) output. Each transmitter channel contains a
power control circuit. There is also an on-chip temperature
sensor.
Control of all the on-chip registers is through a simple, 4-wire
serial peripheral interface (SPI).
The ADF5902 comes in a compact, 32-lead, 5 mm × 5 mm
LFCSP package.
FUNCTIONAL BLOCK DIAGRAM
TXOUT1
TXOUT2
LOOUT
VTUNE
RSET
GND
TX_AHI
ATEST
RF_AHI
AHI
DVDD
VREG
C1
C2
MUXOUT
VCO_AHI
REFIN
N DIVIDER
VCO
CAL
R DIVIDER
TEMPERATURE
SENSOR
ADC
÷2
BIAS
REGULATOR
ADC
ADC
ADF5902
+
PHASE
FREQUENCY
DETECTOR
READBACK
CONTROL
ADC OUTPUT
FREQUENCY COUNTER
CHARGE
PUMP
–
CPOUT
32-BIT
DATA
REGISTER
DOUT
LE
DATA
CLK
CE
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
RAMP
GENERATION
TX_DATA
CP_AHI
RDIV
NDIV
RAMP
STATUS
DVDD
GND
FMCW RAMP GENERATION PLL
Figure 1.


Similar Part No. - ADF5902WCCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF5901 AD-ADF5901 Datasheet
518Kb / 27P
24 GHz to 24.25 GHz voltage controlled oscillator
Rev. A
ADF5901 AD-ADF5901 Datasheet
1Mb / 28P
Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
Rev. B
ADF5901WCCPZ AD-ADF5901WCCPZ Datasheet
518Kb / 27P
24 GHz to 24.25 GHz voltage controlled oscillator
Rev. A
ADF5901WCCPZ-RL7 AD-ADF5901WCCPZ-RL7 Datasheet
518Kb / 27P
24 GHz to 24.25 GHz voltage controlled oscillator
Rev. A
ADF5901WCCPZ-U6 AD-ADF5901WCCPZ-U6 Datasheet
1Mb / 28P
Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
Rev. B
More results

Similar Description - ADF5902WCCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
10/04-Revision 0
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
logo
List of Unclassifed Man...
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
Universal ISM Band FSK Transmitter
logo
Texas Instruments
AWR1443 TI1-AWR1443 Datasheet
1Mb / 76P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1642 TI1-AWR1642 Datasheet
3Mb / 84P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1642 TI1-AWR1642_18 Datasheet
3Mb / 88P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
logo
TEMEX
DSH01 TEMEX-DSH01 Datasheet
1,001Kb / 8P
Pulse compression RADAR RF pulse expander FMCW RADAR
logo
Texas Instruments
AWR1843 TI1-AWR1843 Datasheet
2Mb / 77P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
logo
HOPE Microelectronics C...
RFM02 HOPE-RFM02 Datasheet
1Mb / 24P
Universal ISM Band FSK Transmitter
logo
Infineon Technologies A...
BGT24LTR22 INFINEON-BGT24LTR22 Datasheet
3Mb / 86P
24 GHz Radar
V 1.1 2022-02-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com