Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5902WCCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADF5902WCCPZ
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902WCCPZ Datasheet(HTML) 3 Page - Analog Devices

  ADF5902WCCPZ Datasheet HTML 1Page - Analog Devices ADF5902WCCPZ Datasheet HTML 2Page - Analog Devices ADF5902WCCPZ Datasheet HTML 3Page - Analog Devices ADF5902WCCPZ Datasheet HTML 4Page - Analog Devices ADF5902WCCPZ Datasheet HTML 5Page - Analog Devices ADF5902WCCPZ Datasheet HTML 6Page - Analog Devices ADF5902WCCPZ Datasheet HTML 7Page - Analog Devices ADF5902WCCPZ Datasheet HTML 8Page - Analog Devices ADF5902WCCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Data Sheet
ADF5902
Rev. 0 | Page 3 of 39
SPECIFICATIONS
AHI = TX_AHI = RF_AHI = VCO_AHI = DVDD = CP_AHI = 3.3 V ± 5%, GND = 0 V, dBm referred to 50 Ω, TA = TMAX to TMIN, unless
otherwise noted. The operating temperature range is −40°C to +105°C.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OPERATING CONDITIONS
RF Frequency Range
24
24.25
GHz
VCO CHARACTERISTICS
VTUNE
0.5
2.5
V
VTUNE Impedance
100
kΩ
VCO Phase Noise Performance
Closed-loop, 10 kHz loop filter
At 100 kHz Offset
−88
dBc/Hz
At 1 MHz Offset
−108
dBc/Hz
At 10 MHz Offset
−128
dBc/Hz
Amplitude Noise
−150
dBc/Hz
At 1 MHz offset
Static Pulling VCO Frequency (fVCO) Change vs.
Load
±2
MHz
Open-loop into 2:1 voltage standing wave ratio
(VSWR) load
Dynamic Pulling Transmitter On or Off Switch
Change
±10
MHz
Open-loop
Dynamic Pulling Transmitter to Transmitter
Switch Change
±5
MHz
Open-loop
Pushing fVCO Change vs. AHI Change
±5
MHz/V
Open-loop
Spurious Level Harmonics
−30
dBc
Spurious Level Nonharmonics
<−70
dBc
POWER SUPPLIES
AHI, TX_AHI, RF_AHI, VCO_AHI, DVDD, CP_AHI
3.135
3.3
3.465
V
Total Current (ITOTAL)1
190
mA
Software Power-Down Mode
1.2
mA
Hardware Power-Down Mode
200
μA
TRANSMITTER OUTPUT
Output Power
2
8
12
dBm
Output Impedance
50
Ω
On to Off Isolation
30
dB
Single transmitter output switched on to off
Transmitter to Transmitter Isolation
25
dB
Power-Up/Power-Down Time
200
ns
LO OUTPUT
Output Power
−7
−1
+5
dBm
Output Impedance
50
Ω
On to Off Isolation
35
dB
PHASE FREQUENCY DETECTOR (PFD)
Phase Detector Frequency2
110
MHz
CHARGE PUMP
Charge Pump Current (ICP) Sink and Source
Current
Programmable
High Value
4.48
mA
RSET = 5.1 kΩ; RSET is a resistor to ground that sets
the maximum charge pump output current
Low Value
280
μA
Absolute Accuracy
2.5
%
RSET = 5.1 kΩ
RSET Range
5.049
5.1
5.151
kΩ
ICP Tristate Leakage Current
1
nA
Sink and source current
Sink and Source Matching
2
%
0.5 V < charge pump voltage (VCP) < CP_AHI − 0.6 V
ICP vs. VCP
2
%
0.5 V < VCP < CP_AHI − 0.6 V
ICP vs. Temperature
2
%
VCP = CP_AHI/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com