Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5902WCCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADF5902WCCPZ
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902WCCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF5902WCCPZ Datasheet HTML 10Page - Analog Devices ADF5902WCCPZ Datasheet HTML 11Page - Analog Devices ADF5902WCCPZ Datasheet HTML 12Page - Analog Devices ADF5902WCCPZ Datasheet HTML 13Page - Analog Devices ADF5902WCCPZ Datasheet HTML 14Page - Analog Devices ADF5902WCCPZ Datasheet HTML 15Page - Analog Devices ADF5902WCCPZ Datasheet HTML 16Page - Analog Devices ADF5902WCCPZ Datasheet HTML 17Page - Analog Devices ADF5902WCCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
ADF5902
Data Sheet
Rev. 0 | Page 14 of 39
REGISTER 7 (R7)
REGISTER 8 (R8)
REGISTER 10 (R10)
REGISTER 9 (R9)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
00
0
0
0
MR
1
CONTROL
BITS
RD2
RD
R4
R3R2R1
R0
C4(0) C3(1) C2(1) C1(1)
C5(0)
RESERVED
R DIVIDER
DBR1
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
01
0
0
00
0
0
CONTROL
BITS
0
0
0
0
0
0
0
0
0
FC9
FC8
FC7
FC6
FC5 FC4 FC3 FC2 FC1 FC0
C4(1) C3(0) C2(0) C1(0)
FREQENCY CAL DIVIDER
C5(0)
RESERVED
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
0
10
1
010
0
CONTROL
BITS
0
1
0
0
0
0
0
1
0
1
1
1
0
0
1
0
0
1
C4(1) C3(0) C2(0) C1(1)
C5(0)
RESERVED
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
0
0
1
1
1
0
1
0
0
1
1
0
0
1
0
1
0
1
0
0
1
1
0
0
1
0
C4(1) C3(0) C2(1) C1(0)
CONTROL
BITS
RESERVED
C5(0)
CLOCK DIVIDER
C1D11 C1D10 C1D9 C1D8 C1D7 C1D6 C1D5 C1D4 C1D3 C1D2 C1D1 C1D0
DBR1
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
0
0
0
00
00
0
0
00
0
0
0
0
0
00
0
SDR
0
SFT RM1
RAMP
MODE
RM0
0
CR
C4(1) C3(0) C2(1) C1(1)
CONTROL
BITS
RESERVED
C5(0)
REGISTER 11 (R11)
1DBR = DOUBLE BUFFERED REGISTER—BUFFERED BY THE WRITE TO REGISTER 5.
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
00
0
0
00
0
1
0
1
C4(1) C3(1) C2(0) C1(0)
CONTROL
BITS
C5(0)
REGISTER 12 (R12)
CHARGE PUMP
CURRENT
CC3
CC2
CC1
CC0
CTRI
0
0
000
0
0
0
0
0
RESERVED
00
DBR1
RESERVED
Figure 22. Register Summary (Register 7 to Register 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com