Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8240 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # PC8240
Description  Integrated Processor Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8240 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button PC8240 Datasheet HTML 9Page - ATMEL Corporation PC8240 Datasheet HTML 10Page - ATMEL Corporation PC8240 Datasheet HTML 11Page - ATMEL Corporation PC8240 Datasheet HTML 12Page - ATMEL Corporation PC8240 Datasheet HTML 13Page - ATMEL Corporation PC8240 Datasheet HTML 14Page - ATMEL Corporation PC8240 Datasheet HTML 15Page - ATMEL Corporation PC8240 Datasheet HTML 16Page - ATMEL Corporation PC8240 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
13
PC8240
2149A–HIREL–05/02
Adhesives and Thermal
Interface Materials
A thermal interface material is recommended at the package lid-to-heat sink interface to
minimize the thermal contact resistance. For those applications where the heat sink is
attached by spring clip mechanism, Figure 7 shows the thermal performance of three
thinsheet thermal-interface materials (silicone, graphite/oil, floroether oil), a bare joint,
and a joint with thermal grease as a function of contact pressure. As shown, the perfor-
mance of these thermal interface materials improves with increasing contact pressure.
The use of thermal grease significantly reduces the interface thermal resistance. That is,
the bare joint results in a thermal resistance approximately 7 times greater than the ther-
mal grease joint.
Heat sinks are attached to the package by means of a spring clip to holes in the printed-
circuit board (see Figure 6). Therefore, the synthetic grease offers the best thermal per-
formance, considering the low interface pressure. Of course, the selection of any
thermal interface material depends on many factors, thermal performance requirements,
manufacturability, service temperature, dielectric properties, cost, etc.
Figure 7. Thermal Performance of Select Thermal Interface Material
0
0
1020304050607080
0.5
1
1.5
2
Silicone Sheet (0.006 inch)
Bare Joint
Floroether Oil Sheet (0.007 inch)
Graphite/Oil Sheet (0.005 inch)
Synthetic Grease
Contact Pressure (PSI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com