Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8240 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # PC8240
Description  Integrated Processor Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8240 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button PC8240 Datasheet HTML 15Page - ATMEL Corporation PC8240 Datasheet HTML 16Page - ATMEL Corporation PC8240 Datasheet HTML 17Page - ATMEL Corporation PC8240 Datasheet HTML 18Page - ATMEL Corporation PC8240 Datasheet HTML 19Page - ATMEL Corporation PC8240 Datasheet HTML 20Page - ATMEL Corporation PC8240 Datasheet HTML 21Page - ATMEL Corporation PC8240 Datasheet HTML 22Page - ATMEL Corporation PC8240 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
19
PC8240
2149A–HIREL–05/02
Notes:
1. These specifications are for the default driver strengths indicated in Table 7 on page 17.
2. Rise and fall times for the PCI_SYNC_IN input are measured from 0.4 to 2.4V.
3. Specification value at maximum frequency of operation.
4. Relock time is guaranteed by design and characterization. Relock time is not tested.
5. Rise and fall times for the OSC_IN input is guaranteed by design and characterization. OSC_IN input rise and fall times are
not tested.
6. Relock timing is guaranteed by design. PLL-relock time is the maximum amount of time required for PLL lock after a stable
Vdd and PCI_SYNC_IN are reached during the reset sequence. This specification also applies when the PLL has been dis-
abled and subsequently re-enabled during sleep mode. Also note that HRST_CPU/HRST_CTRL must be held asserted for
a minimum of 255 bus clocks after the PLL-relock time during the reset sequence.
7. DLL_EXTEND is bit 7 of the PMC2 register <72>. N is a non-zero integer (1, 2, 3, ...). T
clk is the period of one
SDRAM_SYNC_OUT clock cycle in ns. t
loop is the propagation delay of the DLL synchronization feedback loop (PC board
runner) from SDRAM_SYNC_OUT to SDRAM_SYNC_IN in ns; 6.25 inches of loop length (unloaded PC board runner) cor-
responds to approximately 1 ns of delay. t
fix0 is a fixed delay inherent in the design when the DLL is at tap point 0 and the
DLL is contributing no delay; t
fix0 equals approximately 3 ns. See Figure 9 on page 20 for DLL locking ranges.
8. Pin to pin skew includes quantifying the additional amount of clock skew (or jitter) from the DLL besides any intentional skew
added to the clocking signals from the variable length DLL synchronization feedback loop, i.e. the amount of variance
between the internal sys-logic_clk and the SDRAM_SYNC_IN signal after the DLL is locked. While pin to pin skew between
SDRAM_CLKs can be measured, the relationship between the internal sys-logic_clk and the external SDRAM_SYNC_IN
cannot be measured and is guaranteed by design.
Figure 8. PCI_SYNC-IN Input Clock Timing Diagram
18
OSC_IN Cycle Time
40
15
ns
19
OSC_IN Rise and Fall Times
–
5
ns
(5)
20
OSC_IN Duty Cycle Measured at 1.4V
40
60
%
21
OSC_IN Frequency Stability
–
100
ppm
22
OSC_IN V
IH (Loaded)
TBD
V
23
OSC_IN V
IL (Loaded)
–
TBD
V
Table 9. Clock AC Timing Specifications (Continued)
Num
Characteristics and Conditions
(1)
Min
Max
Unit
Notes
1
23
5a
5b
VM
VM
VM
CVIL
CVIH
VM = Midpoint Voltage (1.4V)
PCI_SYNC_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com