Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8240 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # PC8240
Description  Integrated Processor Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8240 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button PC8240 Datasheet HTML 34Page - ATMEL Corporation PC8240 Datasheet HTML 35Page - ATMEL Corporation PC8240 Datasheet HTML 36Page - ATMEL Corporation PC8240 Datasheet HTML 37Page - ATMEL Corporation PC8240 Datasheet HTML 38Page - ATMEL Corporation PC8240 Datasheet HTML 39Page - ATMEL Corporation PC8240 Datasheet HTML 40Page - ATMEL Corporation PC8240 Datasheet HTML 41Page - ATMEL Corporation PC8240 Datasheet HTML 42Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
39
PC8240
2149A–HIREL–05/02
Figure 28. COP Connector Diagram
From Target
Board Sources
(if only)
SRESET
HRESET
PC8240
SRESET
HRST_CPU
HRST_CTRL
CKSTP_IN
TMS
TDO
TDI
TCK
QACK1
NC
12
NC
10
NC
TCK
2
7
TDI
3
TDO
1
TMS
9
CKSTP_IN
8
VDD_SENSE
6
TRST
4
12
34
56
78
9
10
11
12
13
Key
No pin
15
16
SRESET
11
HRESET
13
Key 144
COP Connector
Physical Pin Out
153
52
16
OVdd
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
1.5 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
2 k
Ω
OVdd
OVdd
OVdd
OVdd
OVdd
OVdd
OVdd
TRST
GND
Notes:
2. RUN/STOP normally found on pin 5 of the COP header is not implemented on the PC8240.
Connect pin 5 of the COP header to OVdd with a 10K pull-up resistor.
1. QACK is an output on the PC8240 and is not required at the COP header for emulation.
3. CKSTP_OUT normally found on pin 15 of the COP header is not implemented on the PC8240.
Connect pin 15 of the COP header to OVdd with a 10K pull-up resistor.
4. Pin 14 is not physically present on the COP header.
5. Component not populated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com