Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8240 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # PC8240
Description  Integrated Processor Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8240 Datasheet(HTML) 5 Page - ATMEL Corporation

  PC8240 Datasheet HTML 1Page - ATMEL Corporation PC8240 Datasheet HTML 2Page - ATMEL Corporation PC8240 Datasheet HTML 3Page - ATMEL Corporation PC8240 Datasheet HTML 4Page - ATMEL Corporation PC8240 Datasheet HTML 5Page - ATMEL Corporation PC8240 Datasheet HTML 6Page - ATMEL Corporation PC8240 Datasheet HTML 7Page - ATMEL Corporation PC8240 Datasheet HTML 8Page - ATMEL Corporation PC8240 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
PC8240
2149A–HIREL–05/02
TBEN
B14
Input
OVdd
–
(10)
QACK/DA0
F2
Output
OVdd
DRV_STD
(3)(4)
CHKSTOP_IN
D14
Input
OVdd
–
(10)
MAA[0
– 2]
AF2 AF1 AE1
Output
–
DRV_MEM_DATA
(3)(4)(6)
MIV
A16
Output
OVdd
DRV_STD
–
PMAA[0
– 2]
AD18 AF18 AE19
Output
OVdd
DRV_STD
(3)(4)(6)(15)
Test/Configuration Signals
PLL_CFG[0
– 4]/
DA[10
– 6]
A22 B19 A21 B18 B17
Input
OVdd
–
(4)(6)
TEST[0
– 1]
AD22 B20
Input
OVdd
–
(1)(6)(9)
TEST2
Y2
Input
–
–
(11)
TEST3
AF20
Input
OVdd
–
(10)
TEST4
AC18
I/O
OVdd
DRV_STD
(10)
TCK
AF22
Input
OVdd
–
(9)(12)
TDI
AF23
Input
OVdd
–
(9)(12)
TDO
AC21
Output
OVdd
DRV_PCI
–
TMS
AE22
Input
OVdd
–
(9)(12)
TRST
AE23
Input
OVdd
–
(9)(12)
Power and Ground Signals
GND
AA2 AA23 AC12 AC15 AC24 AC3
AC6 AC9 AD11 AD14 AD16 AD19
AD23 AD4 AE18 AE2 AE21 AE25 B2
B25 B6B9 C11 C13C16 C23C4 C8
D12 D15 D18 D21 D24 D3 F25 F4
H24 J25 J4 L24 L3 M23 M4 N24 P3
R23R4T24 T3 V2 V23 W3
Ground
52 terminals
––
–
LVdd
AC20 AC23 D20 D23 G23 P23 Y23
Reference
voltage
3.3V, 5.0V
LVdd
–
–
GVdd
AB3 AB4 AC10 AC11 AC8 AD10
AD13 AD15 AD3 AD5 AD7 C10 C12
C3 C5 C7 D13 D5 D9 E3 G3 H4 K4
L4 N3 P4 R3 U3 V4 Y3
Power for
Memory
Drivers
2.5V, 3.3V
GVdd
–
–
OVdd
AB24 AD20 AD24 C14 C20 C24 E24
G24 J23 K24 M24 P24 T23 Y24
PCI/Stnd
3.3V
OVdd
–
–
Vdd
AA24 AC16 AC19 AD12 AD6 AD9
C15 C18 C21 D11 D8 F3 H23 J3 L23
M3 R24 T4 V24 W4
Power for
Core 2.5V
Vdd
–
–
LAVdd
D17
Power for
DLL 2.5V
LAVdd
–
–
Table 1. PC8240 Pinout Listing (Continued)
Signal Name
Package Pin Number
Pin Type
Power
Supply
Output Driver
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com