Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28317PVC-2 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY28317PVC-2
Description  FTG for Mobile VIA PL133T and PLE133T Chipsets
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28317PVC-2 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY28317PVC-2 Datasheet HTML 4Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 5Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 6Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 7Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 8Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 9Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 10Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 11Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
CY28317-2
Document #: 38-07094 Rev. *B
Page 8 of 21
Byte 6: Watchdog Timer Register
Bit
Name
Default
Pin Description
Bit 7
PCI_Skew1
0
PCI skew control
00 = Normal
01 = –500 ps
10 = Reserved
11 = +500 ps
Bit 6
PCI_Skew0
0
Bit 5
WD_TIMER4
1
These bits store the time-out value of the Watchdog Timer. The scale of the
timer is determined by the prescaler.
The timer can support a value of 150 ms to 4.8 sec when the prescaler is set
to 150 ms. If the prescaler is set to 2.5 sec, it can support a value from 2.5 sec
to 80 sec.
When the Watchdog Timer reaches “0,” it will set the WD_TO_STATUS bit and
generate Reset if RST_EN_WD is enabled.
Bit 4
WD_TIMER3
1
Bit 3
WD_TIMER2
1
Bit 2
WD_TIMER1
1
Bit 1
WD_TIMER0
1
Bit 0
WD_PRE_SC
ALER
0
0 = 150 ms
1 = 2.5 sec
Byte 7: Control Register 7
Bit
Pin#
Name
Default
Pin Description
Bit 7
–
Reserved
0
Reserved
Bit 6
25
24_48MHz_DRV
1
0 = Norm, 1 = High Drive
Bit 5
26
48MHz_DRV
1
0 = Norm, 1 = High Drive
Bit 4
–
Reserved
0
Reserved
Bit 3
–
Reserved
0
Reserved
Bit 2
–
Reserved
0
Reserved
Bit 1
–
Reserved
0
Reserved
Bit 0
–
Reserved
0
Reserved
Byte 8: Vendor ID and Revision ID Register (Read Only)
Bit
Name
Default
Pin Description
Bit 7
Revision_ID3
0
Revision ID bit[3]
Bit 6
Revision_ID2
0
Revision ID bit[2]
Bit 5
Revision_ID1
0
Revision ID bit[1]
Bit 4
Revision_ID0
0
Revision ID bit[0]
Bit 3
Vendor_ID3
1
Bit[3] of Cypress Semiconductor’s Vendor ID. This bit is read-only.
Bit 2
Vendor_ID2
0
Bit[2] of Cypress Semiconductor’s Vendor ID. This bit is read-only.
Bit 1
Vendor _ID1
0
Bit[1] of Cypress Semiconductor’s Vendor ID. This bit is read-only.
Bit 0
Vendor _ID0
0
Bit[0] of Cypress Semiconductor’s Vendor ID. This bit is read-only.
Byte 9: System RESET and Watchdog Timer Register
Bit
Name
Default
Pin Description
Bit 7
SDRAM_DRV
0
SDRAM clock output drive strength
0 = Normal
1 = High Drive
Bit 6
PCI_DRV
0
PCI clock output drive strength
0 = Normal
1 = High Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com