Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28317PVC-2 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY28317PVC-2
Description  FTG for Mobile VIA PL133T and PLE133T Chipsets
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28317PVC-2 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY28317PVC-2 Datasheet HTML 6Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 7Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 8Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 9Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 10Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 11Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 12Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 13Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
CY28317-2
Document #: 38-07094 Rev. *B
Page 10 of 21
Byte 11: Recovery Frequency N-Value Register
Bit
Name
Default
Pin Description
Bit 7
ROCV_FREQ_N7
0
If ROCV_FREQ_SEL is set, CY28317-2 will use the values programmed in
ROCV_FREQ_N[7:0] and ROCV_FREQ_M[6:0] to determine the recovery
CPU output frequency when a Watchdog Timer time-out occurs.
The setting of the FS_Override bit determines the frequency ratio for CPU and
PCI. When it is cleared, CY28317-2 will use the same frequency ratio stated
in the Latched FS[4:0] register. When it is set, CY28317-2 will use the fre-
quency ratio stated in the SEL[4:0] register.
CY28317-2 supports programmable CPU frequencies ranging from 50 MHz
to 248 MHz.
CY28317-2 will change the output frequency whenever there is an update to
either ROCV_FREQ_N[7:0] or ROCV_FREQ_M[6:0]. Therefore, it is recom-
mended to use word or block Write to update both registers within the same
SMBus bus operation.
Bit 6
ROCV_FREQ_N6
0
Bit 5
ROCV_FREQ_N5
0
Bit 4
ROCV_FREQ_N4
0
Bit 3
ROCV_FREQ_N3
0
Bit 2
ROCV_FREQ_N2
0
Bit 1
ROCV_FREQ_N1
0
Bit 0
ROCV_FREQ_N0
0
Byte 12: Recovery Frequency M-Value Register
Bit
Name
Default
Pin Description
Bit 7
ROCV_FREQ_SEL
0
ROCV_FREQ_SEL determines the source of the recover frequency when a
Watchdog Timer time-out occurs. The clock generator will automatically
switch to the recovery CPU frequency based on the selection on
ROCV_FREQ_SEL.
0 = From latched FS[4:0]
1 = From the settings of ROCV_FREQ_N[7:0] and ROCV_FREQ_M[6:0]
Bit 6
ROCV_FREQ_M6
0
If ROCV_FREQ_SEL is set, CY28317-2 will use the values programmed in
ROCV_FREQ_N[7:0] and ROCV_FREQ_M[6:0] to determine the recovery
CPU output frequency when a Watchdog Timer time-out occurs.
The setting of the FS_Override bit determines the frequency ratio for CPU,
SDRAM, and PCI. When it is cleared, CY28317-2 will use the same frequency
ratio stated in the Latched FS[4:0] register. When it is set, CY28317-2 will use
the frequency ratio stated in the SEL[4:0] register.
CY28317-2 supports programmable CPU frequencies ranging from 50 MHz
to 248 MHz.
CY28317-2 will change the output frequency whenever there is an update to
either ROCV_FREQ_N[7:0] or ROCV_FREQ_M[6:0]. Therefore, it is recom-
mended to use word or block Write to update both registers within the same
SMBus bus operation.
Bit 5
ROCV_FREQ_M5
0
Bit 4
ROCV_FREQ_M4
0
Bit 3
ROCV_FREQ_M3
0
Bit 2
ROCV_FREQ_M2
0
Bit 1
ROCV_FREQ_M1
0
Bit 0
ROCV_FREQ_M0
0
Byte 13: Programmable Frequency Select N-Value Register
Bit
Name
Default
Pin Description
Bit 7
CPU_FSEL_N7
0
If Prog_Freq_EN is set, CY28317-2 will use the values programmed in
CPU_FSEL_N[7:0] and CPU_FSEL_M[6:0] to determine the CPU output fre-
quency. The new frequency will start to load whenever CPU_FSELM[6:0] is
updated.
The setting of the FS_Override bit determines the frequency ratio for CPU,
SDRAM and PCI. When it is cleared, CY28317-2 will use the same frequency
ratio stated in the Latched FS[4:0] register. When it is set, CY28317-2 will use
the frequency ratio stated in the SEL[4:0] register.
CY28317-2 supports programmable CPU frequencies ranging from 50 MHz
to 248 MHz.
Bit 6
CPU_FSEL_N6
0
Bit 5
CPU_FSEL_N5
0
Bit 4
CPU_FSEL_N4
0
Bit 3
CPU_FSEL_N3
0
Bit 2
CPU_FSEL_N2
0
Bit 1
CPU_FSEL_N1
0
Bit 0
CPU_FSEL_N0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com