Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5687IPZP Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 48 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 44Page - Texas Instruments DAC5687IPZP Datasheet HTML 45Page - Texas Instruments DAC5687IPZP Datasheet HTML 46Page - Texas Instruments DAC5687IPZP Datasheet HTML 47Page - Texas Instruments DAC5687IPZP Datasheet HTML 48Page - Texas Instruments DAC5687IPZP Datasheet HTML 49Page - Texas Instruments DAC5687IPZP Datasheet HTML 50Page - Texas Instruments DAC5687IPZP Datasheet HTML 51Page - Texas Instruments DAC5687IPZP Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
www.ti.com
PHSTR
PLLLOCK
MUX
CLK1
CLK1C
{PLLVDD, inv_plllock, dual_clk}
clk_in
Clock
Genera-
tor
CLK2
CLK2C
clk_out
FIFO
phstr sync to coarse mixer
PLL VCO
clk_cmix
Sequencer
Reset
sync_cm
D Q
D Q
D Q
D Q
D Q
D Q
Sequencer
Reset
PHSTR
clk_in
Only needs to be high for one clk_in period
clk_cmix
phstr at FIFO
Output
Sequencer
fs/2
clk_out
Input delay line + FIFO delay
Sequencer
fs/4
0
90
180
180 270
0
180
0
0
90
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
Figure 53. Logic Path for PHSTR Synchronization Signal to CMIX Reset
To enable the PHSTR synchronous reset, the serial interface bit sync_cm in register SYNC_CNTL must be set.
The coarse mixer sequence counter will be held reset when PHSTR is low and operates when PHSTR is high.
Figure 54. CMIX Reset Synchronization Timing
In addition to the reset function provided by the PHSTR signal, the phstr_del(1:0) bits in register ATEST allow
the user to select the initial (reset) state. Changing the cm_mode lower 2 bits produces the same phase shift
results.
Table 13. Initial State of CMIX After Reset
Fix Mix Selection
phstr_del(1:0)
Initial State at PHSTR
fS/2
00 and 10
Normal
fS/2
01 and 11
180 degree shift
fS/4
00
Normal
fS/4
01
90 degree shift
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com