Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5687IPZP Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 64 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 60Page - Texas Instruments DAC5687IPZP Datasheet HTML 61Page - Texas Instruments DAC5687IPZP Datasheet HTML 62Page - Texas Instruments DAC5687IPZP Datasheet HTML 63Page - Texas Instruments DAC5687IPZP Datasheet HTML 64Page - Texas Instruments DAC5687IPZP Datasheet HTML 65Page - Texas Instruments DAC5687IPZP Datasheet HTML 66Page - Texas Instruments DAC5687IPZP Datasheet HTML 67Page - Texas Instruments DAC5687IPZP Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
www.ti.com
B0040-01
y2
NCO
DAC
I
Q
RF
Processing
TRF3750
GC4116
GC5016
GC5316
DUC
DUC
DAC5687
CDC7005
y2
y2
y2
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
Figure 73. System Diagram of a Real IF System Using the DAC5687
With the DAC5687 in external clock mode, a low phase noise clock for the DAC5687 at the DAC sample rate
would be generated by a VCXO and PLL such as Texas Instruments CDC7005, which can also provide other
system clocks at the VCXO frequency divided by 2-n (n = 0 to 4). In this mode, the DAC5687 PLLLOCK pin
output would typically be used to clock the digital upconverter. With the DAC in PLL clock mode, the same input
rate clock would be used for the DAC clock and digital upconverter and the DAC internal PLL/VCO would
generate the DAC sample rate clock. Note that the internal PLL/VCO phase noise may degrade the quality of the
DAC output signal, and will also have higher non-harmonic clock-related spurious signals (see the Non-Harmonic
Clock Related Spurious Signals section).
Either DACA or DACB outputs can be used (with the other DAC put into sleep mode) and would typically be
terminated with a transformer (see the Analog Current Output section). An IF filter, either LC or SAW, is used to
suppress the DAC Nyquist zone images and other spurious signals before being mixed to RF with a mixer.
An alternative architecture uses the DAC5687 in a dual-channel mode to create a dual-channel system with real
IF input and output. This would be used for narrower signal bandwidth and at the expense of less output
frequency placement flexibility (see Figure 74). Frequency upconversion can be accomplished by using the
high-pass filter and CMIX fDAC/2 mixing features.
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com