Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5687IPZP Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 50 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 46Page - Texas Instruments DAC5687IPZP Datasheet HTML 47Page - Texas Instruments DAC5687IPZP Datasheet HTML 48Page - Texas Instruments DAC5687IPZP Datasheet HTML 49Page - Texas Instruments DAC5687IPZP Datasheet HTML 50Page - Texas Instruments DAC5687IPZP Datasheet HTML 51Page - Texas Instruments DAC5687IPZP Datasheet HTML 52Page - Texas Instruments DAC5687IPZP Datasheet HTML 53Page - Texas Instruments DAC5687IPZP Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
www.ti.com
DAC Transfer Function
Analog Current Outputs
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
The full-scale output current can be adjusted from 20 mA down to 2 mA by varying resistor RBIAS or changing the
externally applied reference voltage. The internal control amplifier has a wide input range, supporting the
full-scale output current range of 20 mA.
The CMOS DAC’s consist of a segmented array of NMOS current sinks, capable of sinking a full-scale output
current up to 20 mA. Differential current switches direct the current of each current source through either one of
the complementary output nodes IOUT1 or IOUT2. Complementary output currents enable differential operation,
thus canceling out common mode noise sources (digital feed-through, on-chip and PCB noise), dc offsets, even
order distortion components, and increasing signal output power by a factor of two.
The full-scale output current is set using external resistor RBIAS in combination with an on-chip bandgap voltage
reference source (+1.2 V) and control amplifier. Current IBIAS through resistor RBIAS is mirrored internally to
provide a full-scale output current equal to 16 times IBIAS. The full-scale current IOUTFS can be adjusted from 20
mA down to 2 mA.
The relation between IOUT1 and IOUT2 can be expressed as:
IOUT1 = -IOUTFS– IOUT2
We will denote current flowing into a node as - current and current flowing out of a node as + current. Since the
output stage is a current sink the current can only flow from AVDD into the IOUT1 and IOUT2 pins. If IOUT2 = -
5 mA and IO(FS) = 20 mA then:
IOUT1 = -20 – (-5) = -15 mA
The output current flow in each pin driving a resistive load can be expressed as:
IOUT1 = IOUTFS × CODE / 65536
IOUT2 = IOUTFS × (65535 – CODE) / 65536
where CODE is the decimal representation of the DAC data input word.
For the case where IOUT1 and IOUT2 drive resistor loads RL directly, this translates into single ended voltages
at IOUT1 and IOUT2:
VOUT1 = AVDD – I IOUT1 I × RL
VOUT2 = AVDD – I IOUT2 I × RL
Assuming that the data is full scale (65535 in offset binary notation) and the RL is 25 Ω, the differential voltage
between pins IOUT1 and IOUT2 can be expressed as:
VOUT1 = AVDD – I -20 mA I x 25
Ω = 2.8 V
VOUT2 = AVDD – I -0 mA I x 25
Ω = 3.3 V
VDIFF = VOUT1 – VOUT2 = 0.5 V
Note that care should be taken not to exceed the compliance voltages at node IOUT1 and IOUT2, which would
lead to increased signal distortion.
Figure 56 shows a simplified schematic of the current source array output with corresponding switches.
Differential switches direct the current of each individual NMOS current source to either the positive output node
IOUT1 or its complementary negative output node IOUT2. The output impedance is determined by the stack of
the current sources and differential switches, and is typically >300 k
Ω in parallel with an output capacitance of 5
pF.
The external output resistors are referred to an external ground. The minimum output compliance at nodes
IOUT1 and IOUT2 is limited to AVDD – 0.5 V, determined by the CMOS process. Beyond this value, transistor
breakdown may occur resulting in reduced reliability of the DAC5687 device. The maximum output compliance
voltage at nodes IOUT1 and IOUT2 equals AVDD + 0.5 V. Exceeding the minimum output compliance voltage
adversely affects distortion performance and integral non-linearity. The optimum distortion performance for a
single-ended or differential output is achieved when the maximum full-scale signal at IOUT1 and IOUT2 does not
exceed 0.5 V.
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com