Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL321EB Datasheet(PDF) 1 Page - Analog Devices

Part # ADXL321EB
Description  Small and Thin 18 g Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL321EB Datasheet(HTML) 1 Page - Analog Devices

  ADXL321EB Datasheet HTML 1Page - Analog Devices ADXL321EB Datasheet HTML 2Page - Analog Devices ADXL321EB Datasheet HTML 3Page - Analog Devices ADXL321EB Datasheet HTML 4Page - Analog Devices ADXL321EB Datasheet HTML 5Page - Analog Devices ADXL321EB Datasheet HTML 6Page - Analog Devices ADXL321EB Datasheet HTML 7Page - Analog Devices ADXL321EB Datasheet HTML 8Page - Analog Devices ADXL321EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Small and Thin ±18 g Accelerometer
ADXL321
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Small and thin
4 mm × 4 mm × 1.45 mm LFCSP package
3 mg resolution at 50 Hz
Wide supply voltage range: 2.4 V to 6 V
Low power: 350 µA at VS = 2.4 V (typ)
Good zero g bias stability
Good sensitivity accuracy
X-axis and Y-axis aligned to within 0.1° (typ)
BW adjustment with a single capacitor
Single-supply operation
10,000 g shock survival
Compatible with Sn/Pb and Pb-free solder processes
APPLICATIONS
Vibration monitoring and compensation
Abuse event detection
Sports equipment
GENERAL DESCRIPTION
The ADXL321 is a small and thin, low power, complete dual-
axis accelerometer with signal conditioned voltage outputs,
which is all on a single monolithic IC. The product measures
acceleration with a full-scale range of ±18 g (typical). It can also
measure both dynamic acceleration (vibration) and static
acceleration (gravity).
The ADXL321’s typical noise floor is 320 µg/√Hz, allowing
signals below 3 mg to be resolved in tilt-sensing applications
using narrow bandwidths (<50 Hz).
The user selects the bandwidth of the accelerometer using
capacitors CX and CY at the XOUT and YOUT pins. Bandwidths of
0.5 Hz to 2.5 kHz may be selected to suit the application.
The ADXL321 is available in a very thin 4 mm × 4 mm ×
1.45 mm, 16-lead, plastic LFCSP.
FUNCTIONAL BLOCK DIAGRAM
ADXL321
SENSOR
+3V
OUTPUT
AMP
OUTPUT
AMP
COM
ST
VS
CDC
DEMOD
AC
AMP
RFILT
32k
Ω
XOUT
CX
YOUT
CY
RFILT
32k
Ω
Figure 1.


Similar Part No. - ADXL321EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL320EB AD-ADXL320EB Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL320JCP-REEL AD-ADXL320JCP-REEL Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL320JCP-REEL7 AD-ADXL320JCP-REEL7 Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL320JCP1 AD-ADXL320JCP1 Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
More results

Similar Description - ADXL321EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL322 AD-ADXL322 Datasheet
363Kb / 16P
Small and Thin -2 g Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
Small and Thin 5 g iMEMS Accelerometer
Rev.0
ADXL322 AD-ADXL322_15 Datasheet
401Kb / 16P
Small and Thin 2 g Accelerometer
Rev.0
logo
A-Data Technology
UV140 A-DATA-UV140 Datasheet
429Kb / 2P
Small and thin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com