Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL321EB Datasheet(PDF) 10 Page - Analog Devices

Part # ADXL321EB
Description  Small and Thin 18 g Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL321EB Datasheet(HTML) 10 Page - Analog Devices

Back Button ADXL321EB Datasheet HTML 6Page - Analog Devices ADXL321EB Datasheet HTML 7Page - Analog Devices ADXL321EB Datasheet HTML 8Page - Analog Devices ADXL321EB Datasheet HTML 9Page - Analog Devices ADXL321EB Datasheet HTML 10Page - Analog Devices ADXL321EB Datasheet HTML 11Page - Analog Devices ADXL321EB Datasheet HTML 12Page - Analog Devices ADXL321EB Datasheet HTML 13Page - Analog Devices ADXL321EB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADXL321
Rev. 0 | Page 10 of 16
XOUT = 1.500V
YOUT = 1.500V
XOUT = 1.500V
YOUT = 1.443V
XOUT = 1.443V
YOUT = 1.500V
XOUT = 1.557V
YOUT = 1.50V
XOUT = 1.500V
YOUT = 1.557V
EARTH'S SURFACE
XL
321J
#1234
5678P
Figure 20. Output Response vs. Orientation (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com