Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL321EB Datasheet(PDF) 11 Page - Analog Devices

Part # ADXL321EB
Description  Small and Thin 18 g Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL321EB Datasheet(HTML) 11 Page - Analog Devices

Back Button ADXL321EB Datasheet HTML 7Page - Analog Devices ADXL321EB Datasheet HTML 8Page - Analog Devices ADXL321EB Datasheet HTML 9Page - Analog Devices ADXL321EB Datasheet HTML 10Page - Analog Devices ADXL321EB Datasheet HTML 11Page - Analog Devices ADXL321EB Datasheet HTML 12Page - Analog Devices ADXL321EB Datasheet HTML 13Page - Analog Devices ADXL321EB Datasheet HTML 14Page - Analog Devices ADXL321EB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADXL321
Rev. 0 | Page 11 of 16
THEORY OF OPERATION
The ADXL321 is a complete acceleration measurement system
on a single monolithic IC. The ADXL321 has a measurement
range of ±18 g. It contains a polysilicon surface-micromachined
sensor and signal conditioning circuitry to implement an open-
loop acceleration measurement architecture. The output signals
are analog voltages that are proportional to acceleration. The
accelerometer measures static acceleration forces, such as
gravity, which allows it to be used as a tilt sensor.
The sensor is a polysilicon surface-micromachined structure
built on top of a silicon wafer. Polysilicon springs suspend the
structure over the surface of the wafer and provide a resistance
against acceleration forces. Deflection of the structure is
measured using a differential capacitor that consists of
independent fixed plates and plates attached to the moving
mass. The fixed plates are driven by 180° out-of-phase square
waves. Acceleration deflects the beam and unbalances the
differential capacitor, resulting in an output square wave whose
amplitude is proportional to acceleration. Phase-sensitive
demodulation techniques are then used to rectify the signal and
determine the direction of the acceleration.
The demodulator’s output is amplified and brought off-chip
through a 32 kΩ resistor. The user then sets the signal
bandwidth of the device by adding a capacitor. This filtering
improves measurement resolution and helps prevent aliasing.
PERFORMANCE
Rather than using additional temperature compensation
circuitry, innovative design techniques have been used to ensure
high performance is built-in. As a result, there is neither
quantization error nor nonmonotonic behavior, and
temperature hysteresis is very low (typically less than 10 mg
over the −20°C to +70°C temperature range).
Figure 10 shows the zero g output performance of eight parts
(X- and Y-axis) over a −20°C to +70°C temperature range.
Figure 13 demonstrates the typical sensitivity shift over
temperature for supply voltages of 3 V. This is typically better
than ±1% over the −20°C to +70°C temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com