Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL321EB Datasheet(PDF) 14 Page - Analog Devices

Part # ADXL321EB
Description  Small and Thin 18 g Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL321EB Datasheet(HTML) 14 Page - Analog Devices

Back Button ADXL321EB Datasheet HTML 8Page - Analog Devices ADXL321EB Datasheet HTML 9Page - Analog Devices ADXL321EB Datasheet HTML 10Page - Analog Devices ADXL321EB Datasheet HTML 11Page - Analog Devices ADXL321EB Datasheet HTML 12Page - Analog Devices ADXL321EB Datasheet HTML 13Page - Analog Devices ADXL321EB Datasheet HTML 14Page - Analog Devices ADXL321EB Datasheet HTML 15Page - Analog Devices ADXL321EB Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADXL321
Rev. 0 | Page 14 of 16
OUTLINE DIMENSIONS
16
5
13
8
9
12
1
4
0.65 BSC
2.43
1.75 SQ
1.08
1.95 BSC
0.20 MIN
PIN 1
INDICATOR
BOTTOM
VIEW
0.20 MIN
SEATING
PLANE
1.50
1.45
1.40
PIN 1
INDICATOR
TOP
VIEW
COPLANARITY
0.05
0.05 MAX
0.02 NOM
0.35
0.30
0.25
0.55
0.50
0.45
4.15
4.00 SQ
3.85
Figure 21. 16-Lead Lead Frame Chip Scale Package [MQ_LFCSP]
4 mm × 4 mm Body, Thick Quad (CP-16-5)
Dimensions shown in millimeters
(Drawing Not to Scale)
ORDERING GUIDE
Model
Measurement
Range
Specified
Voltage (V)
Temperature
Range
Package Description
Package
Option
ADXL321JCP1
±18 g
3
−20°C to +70°C
16-Lead LFCSP
CP-16-5
ADXL321JCP–REEL1
±18 g
3
−20°C to +70°C
16-Lead LFCSP
CP-16-5
ADXL321EB
Evaluation Board
1 Lead finish—Matte tin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com