Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADD8701 Datasheet(PDF) 4 Page - Analog Devices

Part # ADD8701
Description  12-Channel Gamma Buffers with VCOM Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8701 Datasheet(HTML) 4 Page - Analog Devices

  ADD8701 Datasheet HTML 1Page - Analog Devices ADD8701 Datasheet HTML 2Page - Analog Devices ADD8701 Datasheet HTML 3Page - Analog Devices ADD8701 Datasheet HTML 4Page - Analog Devices ADD8701 Datasheet HTML 5Page - Analog Devices ADD8701 Datasheet HTML 6Page - Analog Devices ADD8701 Datasheet HTML 7Page - Analog Devices ADD8701 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. 0
–4–
ADD8701–Typical Performance Characteristics
INPUT OFFSET VOLTAGE – mV
1,400
600
0
–7
9
–5
–3
–1
1
3
5
1,200
1,000
400
200
800
7
TA = 25 C
7V < V DD < 16V
TPC 1. Input Offset Voltage Distribution
COMMON-MODE VOLTAGE – V
–8
–6
8
–4
–2
0
4
6
2
8
6
–10
–2
–4
–6
–8
4
0
2
VDD =
8V
BUFFERS 10 TO 12
TPC 4. Offset Voltage vs.
Common-Mode Voltage
TEMPERATURE – C
350
0
–40
85
25
200
150
50
100
300
250
BUFFERS 10 TO 12
VDD = 16V
VDD = 7V
TPC 7. Input Bias Current vs.
Temperature
40
510
1520253035
TCVOS –
V/ C
7,000
0
6,000
4,000
3,000
2,000
1,000
5,000
7V < VDD < 16V
TPC 2. TCVOS Distribution
COMMON-MODE VOLTAGE – V
–8
–6
8
–4
–2
0
4
6
2
8
6
–10
–2
–4
–6
–8
4
0
2
VDD =
8V
VCOM, BUFFERS 1 TO 9
TPC 5. Offset Voltage vs.
Common-Mode Voltage
LOAD CURRENT – mA
100
0.001
0.01
0.1
100
110
10
1
0.1
0.01
SOURCE
SINK
VDD = 16V
BUFFERS 1, 2
TPC 8. Output Voltage to
Supply Rail vs. Load Current
TEMPERATURE – C
20
15
–20
–40
85
25
0
–5
–15
–10
10
5
7V < VDD < 16V
BUFFER 1
BUFFER 12
VCOM
TPC 3. Input Offset Voltage
vs. Temperature
TEMPERATURE – C
0
–200
–900
–40
85
25
–500
–600
–800
–700
–300
–400
VCOM AND BUFFERS 1 TO 9
–100
VDD = 16V
VDD = 7V
TPC 6. Input Bias Current vs.
Temperature
LOAD CURRENT – mA
100
0.001
0.01
0.1
100
110
10
1
0.1
0.01
VDD = 16V
BUFFERS 3 TO 9
SOURCE
SINK
TPC 9. Output Voltage to
Supply Rail vs. Load Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com