Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADD8701 Datasheet(PDF) 3 Page - Analog Devices

Part # ADD8701
Description  12-Channel Gamma Buffers with VCOM Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8701 Datasheet(HTML) 3 Page - Analog Devices

  ADD8701 Datasheet HTML 1Page - Analog Devices ADD8701 Datasheet HTML 2Page - Analog Devices ADD8701 Datasheet HTML 3Page - Analog Devices ADD8701 Datasheet HTML 4Page - Analog Devices ADD8701 Datasheet HTML 5Page - Analog Devices ADD8701 Datasheet HTML 6Page - Analog Devices ADD8701 Datasheet HTML 7Page - Analog Devices ADD8701 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. 0
ADD8701
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADD8701 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
PIN CONFIGURATION
PIN 1
INDICATOR
TOP VIEW
24 GND
23 VDD
22 V6
21 V5
VDD 1
VCOM IN 2
IN12 3
20 V4
19 V3
18 V2
17 V1
IN11 4
IN10 5
IN9 6
IN8 7
IN7 8
ADD8701
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.5 V to VDD + 0.5 V
Storage Temperature Range . . . . . . . . . . . . . –65°C to +150°C
Operating Temperature Range . . . . . . . . . . . . –40°C to +85°C
Junction Temperature Range . . . . . . . . . . . . . –65°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300°C
ESD Tolerance (HBM) . . . . . . . . . . . . . . . . . . . . . . . ±1,000 V
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model
Temperature
Package
Package
Range
Description
Option
ADD8701ACP
–40°C to +85°C
32-Lead LFCSP CP-32
Package Type
JA
1
JB
2
Unit
32-Lead LFCSP (CP)
35
13
°C/W
NOTES
1
θ
JA is specified for worst-case conditions, i.e.,
θ
JA is specified for device soldered
in circuit board for surface-mount packages.
2
ψ
JB is applied for calculating the junction temperature by reference to the board
temperature.
PIN FUNCTION DESCRIPTION
Pin No.
Mnemonic
Description
1, 15, 23
VDD
Power (+)
2
VCOM IN
VCOM Buffer Input
3–14
IN12–IN1
Gamma Buffer Inputs
16, 24, 31
GND
Power (–)
17–22, 25–30
V1–V12
Gamma Buffer Outputs
32
VCOM OUT
VCOM Buffer Output



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com