Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADD8701 Datasheet(PDF) 2 Page - Analog Devices

Part # ADD8701
Description  12-Channel Gamma Buffers with VCOM Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8701 Datasheet(HTML) 2 Page - Analog Devices

  ADD8701 Datasheet HTML 1Page - Analog Devices ADD8701 Datasheet HTML 2Page - Analog Devices ADD8701 Datasheet HTML 3Page - Analog Devices ADD8701 Datasheet HTML 4Page - Analog Devices ADD8701 Datasheet HTML 5Page - Analog Devices ADD8701 Datasheet HTML 6Page - Analog Devices ADD8701 Datasheet HTML 7Page - Analog Devices ADD8701 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. 0
–2–
ADD8701–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
415
mV
Offset Voltage Drift
∆V
OS/
∆T
–40°C
≤ T
A
≤ +85°C
5
µV/°C
Input Bias Current
IB
0.5
1.1
µA
–40°C
≤ T
A
≤ +85°C
1.5
µA
Input Voltage Range
–0.5
VDD + 0.5
V
Input Impedance
ZIN
400
k
Ω
Input Capacitance
CIN
1pF
OUTPUT CHARACTERISTICS
Output Voltage High (V11, V12)
VOUT
IL = 100 µA
15.995
V
VDD = 16 V, IL = 5 mA
15.85
15.9
V
–40°C
≤ T
A
≤ +85°C
15.75
V
VDD = 7 V, IL = 5 mA
6.75
6.85
V
–40°C
≤ T
A
≤ +85°C
6.65
V
Output Swing (V3 to V10)
VOUT
IL = 5 mA, VDD = 16 V
14.6
V
Output Swing (V3 to V10)
VOUT
IL = 5 mA, VDD = 7 V
5.6
V
Output Voltage Low (V1, V2)
VOUT
IL = 100 µA
5
mV
VDD = 16 V, IL = 5 mA
85
150
mV
–40°C
≤ TA ≤ +85°C
250
mV
VDD = 7 V, IL = 5 mA
140
300
mV
–40°C
≤ T
A
≤ +85°C
400
mV
Continuous Output Current
IOUT
10
mA
Peak Output Current
IPK
VDD = 16 V
150
mA
VCOM CHARACTERISTICS
Continuous Output Current
IOUT
35
mA
Peak Output Current
IPK
VDD = 16 V
250
mA
TRANSFER CHARACTERISTICS
Gain
AVCL
RL = 2 k
Ω
0.995
0.9985
1.005
V/V
–40°C
≤ T
A
≤ +85°C
0.995
0.9980
1.005
V/V
Gain Linearity
NL
RL = 10 k
Ω
VO = 0.5 to (VDD – 0.5 V)
0.01
%
SUPPLY CHARACTERISTICS
Supply Voltage
VDD
716
V
Power Supply Rejection Ratio
PSRR
VDD = 6 V to 17 V
–40°C
≤ T
A
≤ +85°C
70
90
dB
Supply Current
ISYS
No Load
10
13
mA
–40°C
≤ T
A
≤ +85°C
15
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 k
Ω, C
L = 200 pF
4
6
V/µs
Bandwidth
BW
–3 dB, RL = 10 k
Ω, C
L = 200 pF
4.5
MHz
Settling Time to 0.1% (Buffers)
tS
1 V, RL = 10 k
Ω, CL = 200 pF
1.1
µs
Settling Time to 0.1% (VCOM)
tS
1 V, RL = 10 k
Ω, C
L = 200 pF
0.7
µs
Phase Margin
fo
RL = 10 k
Ω, C
L = 200 pF
55
Degrees
Channel Separation
75
dB
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
26
nV/
√Hz
en
f = 10 kHz
25
nV/
√Hz
Current Noise Density
in
f = 10 kHz
0.8
pA/
√Hz
Specifications subject to change without notice.
(7 V
≤ VDD ≤ 16 V, TA = 25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com