Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADD8701 Datasheet(PDF) 1 Page - Analog Devices

Part # ADD8701
Description  12-Channel Gamma Buffers with VCOM Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8701 Datasheet(HTML) 1 Page - Analog Devices

  ADD8701 Datasheet HTML 1Page - Analog Devices ADD8701 Datasheet HTML 2Page - Analog Devices ADD8701 Datasheet HTML 3Page - Analog Devices ADD8701 Datasheet HTML 4Page - Analog Devices ADD8701 Datasheet HTML 5Page - Analog Devices ADD8701 Datasheet HTML 6Page - Analog Devices ADD8701 Datasheet HTML 7Page - Analog Devices ADD8701 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
ADD8701
12-Channel Gamma Buffers
with VCOM Buffer
PANEL
TIMING
CONTROLLER
TIMING AND CONTROL
SCAN DRIVER CONTROL
GAMMA
REFERENCE
VOLTAGES
V12
VCOM IN
VCOM OUT
V1
GND
VDD
VDD
RESISTOR
LADDER
R
384
SOURCE DRIVER
NO. 1
768
SCAN
DRIVERS
TFT COLOR PANEL
1024
768
384
SOURCE DRIVER
NO. 2
384
SOURCE DRIVER
NO. 8
ADD8701
G
B
Figure 1. Typical SVGA TFT-LCD Application
FUNCTIONAL BLOCK DIAGRAM
GND
VDD
V6
V5
VDD
VCOM IN
IN12
V4
V3
V2
V1
IN11
IN10
IN9
IN8
IN7
9
10
11
12
13
14
15
16
32
31
30
26
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
FEATURES
Single-Supply Operation: 7 V to 16 V
Dual-Supply Operation:
3.5 V to
8 V
Supply Current: 13 mA Max
Upper/Lower Buffers Swing to VDD/GND
Continuous Output Current: 10 mA
VCOM Peak Output Current: 250 mA
Offset Voltage: 15 mV Max
Slew Rate: 6 V/ s
Fast Settling Time with Large C-Load
APPLICATIONS
TFT LCD Panels
GENERAL DESCRIPTION
The ADD8701 is a low cost, 12-channel buffer amplifier and
VCOM driver that operates from a single supply. The part is
designed for high resolution TFT LCD panels, and is built on
an advanced, high voltage, CBCMOS process.
The buffers have high slew rate, 10 mA continuous output current,
and high capacitive load drive capability. The VCOM buffer has
increased drive of 35 mA and can drive large capacitive loads. The
ADD8701 offers wide supply range and offset voltages below 15 mV.
The ADD8701 is specified over the –40ºC to +85ºC tempera-
ture range and is available in a 32-lead lead frame chip scale
package (LFCSP).
All inputs and outputs incorporate internal ESD protection
circuits.


Similar Part No. - ADD8701

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV. 0
More results

Similar Description - ADD8701

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8707 AD-ADD8707 Datasheet
654Kb / 20P
12-Channel Gamma Buffers with VCOM and Regulator
10/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
logo
Analog Devices
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
12-Channel Gamma Buffers with Vcom Buffer
REV.0
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8707 AD-ADD8707_15 Datasheet
661Kb / 20P
12-Channel Gamma Buffers with VCOM and Regulator
REV. A
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
10-Channel Gamma Buffer with VCOM Driver
REV. B
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
Programmable Gamma and VCOM Buffers
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com