Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G125 Datasheet(PDF) 3 Page - Silicon Supplies

Part # 74LVC1G125
Description  Low Voltage CMOS Logic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74LVC1G125 Datasheet(HTML) 3 Page - Silicon Supplies

  74LVC1G125 Datasheet HTML 1Page - Silicon Supplies 74LVC1G125 Datasheet HTML 2Page - Silicon Supplies 74LVC1G125 Datasheet HTML 3Page - Silicon Supplies 74LVC1G125 Datasheet HTML 4Page - Silicon Supplies 74LVC1G125 Datasheet HTML 5Page - Silicon Supplies 74LVC1G125 Datasheet HTML 6Page - Silicon Supplies 74LVC1G125 Datasheet HTML 7Page - Silicon Supplies 74LVC1G125 Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3 of 8 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Absolute Maximum Ratings2
PARAMETER
SYMBOL
VALUE
UNIT
DC Supply Voltage (Referenced to GND)
VCC
-0.5 to +6.5
V
DC Input Voltage (Referenced to GND)
VIN
-0.5 to +6.5
V
DC Output Voltage – Active Mode
-0.5 to VCC +0.5
V
DC Output Voltage – Power-Down, High Z, VCC= 0V
VOUT
-0.5 to +6.5
V
DC Input Clamp Current, VIN < 0
IIK
-50
mA
DC Output Clamp Current, VOUT < 0 or VOUT > VCC
IOK
±50
mA
DC Output Current, VOUT = 0V to VCC
IOUT
±50
mA
DC VCC or GND Current
ICC
±100
mA
Power Dissipation in Still Air
3
PD
250
mW
Storage Temperature Range
TSTG
-65 to 150
°C
 
Low Voltage CMOS Logic – 74LVC1G125
Rev 1.0
29/06/19
2.  Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability. 3. Measured in plastic TSSOP package, results in die form are dependent on die attach and assembly method.
Recommended Operating Conditions4 (Voltages referenced to GND)
PARAMETER
SYMBOL
MIN
MAX
UNITS
DC Supply Voltage
VCC
1.65
5.5
V
DC Supply Voltage – Data retention only
VCC
1.5
-
V
DC Input Voltage
VIN
0
5.5
V
DC Output Voltage
VOUT
0
VCC
V
VCC = 1.65V
-
-4
VCC = 2.3V
-
-8
VCC = 2.7V
-
-12
VCC = 3V
-
-24
High-Level Output Current
VCC = 4.5V
IOH
-
-32
mA
VCC = 1.65V
-
4
VCC = 2.3V
-
8
VCC = 2.7V
-
12
VCC = 3V
-
24
Low-Level Output Current
VCC = 4.5V
IOL
-
32
mA
Operating Temperature Range
TJ
-40
+85
°C
VCC = 1.65V - 2.7V
0
20
ns/V
Input Transition
Rise & Fall Rate
VCC = 2.7V - 5.5V
Δt / ΔV
0
10
ns/V
 
4.  This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken
to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be
constrained to the range GND ≤ (VIN or VOUT) ≤ VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC).
Unused outputs must be left open.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com