Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G125 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74LVC1G125
Description  Low Voltage CMOS Logic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74LVC1G125 Datasheet(HTML) 2 Page - Silicon Supplies

  74LVC1G125 Datasheet HTML 1Page - Silicon Supplies 74LVC1G125 Datasheet HTML 2Page - Silicon Supplies 74LVC1G125 Datasheet HTML 3Page - Silicon Supplies 74LVC1G125 Datasheet HTML 4Page - Silicon Supplies 74LVC1G125 Datasheet HTML 5Page - Silicon Supplies 74LVC1G125 Datasheet HTML 6Page - Silicon Supplies 74LVC1G125 Datasheet HTML 7Page - Silicon Supplies 74LVC1G125 Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2 of 8 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Low Voltage CMOS Logic – 74LVC1G125
Rev 1.0
29/06/19
Logic Diagram
Expanded Logic Diagram
Pad Layout and Functions
OE
A
Y
OE
A
Y
INPUTS
OUTPUT
A
OE
Y
H
L
X
L
L
H
H
L
Z
H = High level (steady state)
L = Low level (steady state)
Z = High Impedance
X = Don’t care
Truth Table
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
OE
-178
130
2
VCC
-51
-130
3
Y
180
-130
4
GND
178.1
130
5
A
14
130
CONNECT CHIP BACK TO VCC OR FLOAT
 
590µm (23.23 mils)
0,0
1
5
4
2
3
DIE ID



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com