Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G125 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74LVC1G125
Description  Low Voltage CMOS Logic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74LVC1G125 Datasheet(HTML) 1 Page - Silicon Supplies

  74LVC1G125 Datasheet HTML 1Page - Silicon Supplies 74LVC1G125 Datasheet HTML 2Page - Silicon Supplies 74LVC1G125 Datasheet HTML 3Page - Silicon Supplies 74LVC1G125 Datasheet HTML 4Page - Silicon Supplies 74LVC1G125 Datasheet HTML 5Page - Silicon Supplies 74LVC1G125 Datasheet HTML 6Page - Silicon Supplies 74LVC1G125 Datasheet HTML 7Page - Silicon Supplies 74LVC1G125 Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 
 
Low Voltage CMOS Logic – 74LVC1G125
 
 
Single Non-Inverting Buffer/Line Driver with 3-State Output in bare die form
Rev 1.0
29/06/19
Features:
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Inputs directly interface TTL
The 74LVC1G125 is a single non-inverting buffer/line
driver with 3-state output. The 3-state output is
controlled by the output enable input (OE). A HIGH-level
at pin OE sets the output to a high-impedance OFF-
state. The device is driven by 3.3V or 5V inputs enabling
use of this device in a mixed voltage environment. The
part operates over a 1.65V to 5.5V supply range and is
fully specified for partial power-down applications using
IOFF. IOFF circuitry disables the output and prevents
damaging backflow current through the device at power
down. The device suits level translation and interfacing
TTL to CMOS logic.
Inputs accept up to 5.5V enabling level translation
down to VCC
Wide Supply Voltage: VCC 1.65V - 5.5V
Output Drive capability: ±24mA, VCC = 3V
Low Quiescent Current: 4µA max
High speed: tpd 4.5ns max, VCC = 3V
Tiny die size.
Ordering Information
 
Description
Die Dimensions in µm (mils)
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
590 (23)
For High Reliability versions of this product please see
54LVC1G125
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 280µm(11 Mils) – On request
590 x 480
µm
Die Size (Unsawn)
23 x 19
mils
Minimum Bond Pad Size
70 x 70
2.76 x 2.76
µm
mils
Die Thickness
280 (±20)
µm
11.02 (±0.79)
mils
Top Metal Composition
Al-Si-Cu 3 µm
Back Metal Composition
N/A – Bare Si
Assembled into Ceramic Package – On request
Page 1 of 8 
www.siliconsupplies.com


Similar Part No. - 74LVC1G125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1G125 TI-74LVC1G125 Datasheet
119Kb / 8P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
Bus buffer/line driver; 3-state
2004 Sep 15
74LVC1G125 NXP-74LVC1G125 Datasheet
90Kb / 16P
Bus buffer/line driver; 3-state
Rev. 11-2 July 2012
logo
Diodes Incorporated
74LVC1G125 DIODES-74LVC1G125 Datasheet
268Kb / 14P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32202 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G125 NXP-74LVC1G125 Datasheet
156Kb / 19P
Bus buffer/line driver; 3-state
Rev. 9-29 December 2010
More results

Similar Description - 74LVC1G125

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD4001B SS-CD4001B Datasheet
522Kb / 4P
CMOS High Voltage Logic
CD4011B SS-CD4011B Datasheet
519Kb / 4P
CMOS High Voltage Logic
LM137 SS-LM137 Datasheet
2Mb / 6P
CMOS High Voltage Logic
54LVC1G04 SS-54LVC1G04 Datasheet
518Kb / 6P
Low Voltage CMOS Logic
54LVC1G125 SS-54LVC1G125 Datasheet
490Kb / 8P
Low Voltage CMOS Logic
74LVC1G04 SS-74LVC1G04 Datasheet
517Kb / 6P
Low Voltage CMOS Logic
54LVC2G66 SS-54LVC2G66 Datasheet
483Kb / 9P
Low Voltage CMOS Logic
74LVC2G66 SS-74LVC2G66 Datasheet
483Kb / 9P
Low Voltage CMOS Logic
54LVC1GU04 SS-54LVC1GU04 Datasheet
1Mb / 7P
Low Voltage CMOS Logic
74LVC1GU04 SS-74LVC1GU04 Datasheet
1Mb / 7P
Low Voltage CMOS Logic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com