Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G125 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 74LVC1G125
Description  Low Voltage CMOS Logic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74LVC1G125 Datasheet(HTML) 4 Page - Silicon Supplies

  74LVC1G125 Datasheet HTML 1Page - Silicon Supplies 74LVC1G125 Datasheet HTML 2Page - Silicon Supplies 74LVC1G125 Datasheet HTML 3Page - Silicon Supplies 74LVC1G125 Datasheet HTML 4Page - Silicon Supplies 74LVC1G125 Datasheet HTML 5Page - Silicon Supplies 74LVC1G125 Datasheet HTML 6Page - Silicon Supplies 74LVC1G125 Datasheet HTML 7Page - Silicon Supplies 74LVC1G125 Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4 of 8 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
DC Electrical Characteristics (Voltages Referenced to GND)
Low Voltage CMOS Logic – 74LVC1G125
Rev 1.0
29/06/19
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL
RANGE
5
UNITS
1.65 - 1.95V
0.65 x VCC
0.65 x VCC
0.65 x VCC
2.3 - 2.7V
1.7
1.7
1.7
2.7 - 3.6V
2.0
2.0
2.0
Minimum
High-Level
Input Voltage
VIH
4.5 - 5.5V
0.7 x VCC
0.7 x VCC
0.7 x VCC
V
1.65 - 1.95V
0.35 x VCC
0.35 x VCC
0.35 x VCC
2.3 - 2.7V
0.7
0.7
0.7
2.7 - 3.6V
0.8
0.8
0.8
Maximum
Low-Level
Input Voltage
VIL
4.5 - 5.5V
0.3 x VCC
0.3 x VCC
0.3 x VCC
V
1.65 - 5.5V
VIN = VIH or VIL,
IOUT = -100µA
VCC -0.1
VCC -0.1
VCC -0.1
1.65V
VIN = VIH or VIL,
IOUT = -4mA
1.2
1.2
1.2
2.3V
VIN = VIH or VIL,
IOUT = -8mA
1.9
1.9
1.9
V
2.7V
VIN = VIH or VIL,
IOUT = -12mA
2.2
2.2
2.2
3.0V
VIN = VIH or VIL,
IOUT = -24mA
2.3
2.3
2.3
Minimum
High-Level
Output
Voltage
VOH
4.5V
VIN = VIH or VIL,
IOUT = -32mA
3.8
3.8
3.8
V
1.65 - 5.5V
VIN = VIH or VIL,
IOUT = 100µA
0.1
0.1
0.1
1.65V
VIN = VIH or VIL,
IOUT = 4mA
0.45
0.45
0.45
2.3V
VIN = VIH or VIL,
IOUT = 8mA
0.3
0.3
0.3
V
2.7V
VIN = VIH or VIL,
IOUT = 12mA
0.4
0.4
0.4
3.0V
VIN = VIH or VIL
,IOUT = 24mA
0.55
0.55
0.55
Maximum
Low-Level
Output
Voltage
VOL
4.5V
VIN = VIH or VIL,
IOUT = 32mA
0.55
0.55
0.55
V
Input Leakage
Current
IIN
0V - 5.5V
VIN = 5.5V
or GND
±1
±1
±1
µA
OFF-State
Output
Current
IOZ
3.6V
VIN = VIH or VIL,
VOUT = 5.5V or
GND
±2
±2
±2
µA
5.  -40˚C ≤ TJ ≤ +85˚C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com