| Electronic Components Datasheet Search |
|
LXT975B Datasheet(PDF) 31 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
LXT975B Datasheet(HTML) 31 Page - Intel Corporation |
|
31 / 74 page ![]() Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975 Datasheet 31 In 100FX mode, the LXT974/975 transmits and receives NRZI signals across the PECL interface. An external 100FX transceiver module is required to complete the fiber connection. As shown in Figure 14, the MAC starts each transmission with a preamble pattern. As soon as the LXT974/975 detects the start of preamble, it transmits a J/K symbol (Start of Stream Delimiter, SSD) to the network. It then encodes and transmits the rest of the packet, including the balance of the preamble, the Start of Frame Delimiter (SFD), packet data, and CRC. Once the packet ends, the LXT974/975 transmits the T/R symbol End-of-Stream Delimiter (ESD) and then returns to transmitting Idle symbols. Figure 13. 100BASE-TX Data Flow Figure 14. 100BASE-TX Frame Structure 1. Four independent MII ports serve four independent Network ports. Network port configurations are independently selectable. MII port speed is set to match the associated Network port. 2. The Scrambler can be bypassed by setting 19.3 = 1. D0 D1 D2 D3 Parallel to Serial Serial to Parallel D0 D1 D2 D3 4B/5B 5B/4B S0 S1 S2 S3 S4 MLT3 0 +1 -1 00 Transition = 1. No Transition = 0. All transitions must follow pattern: 0, +1, 0, -1, 0, +1... Scramble De- Scramble Standard MII Mode Data Flow P0 P1 P6 SFD 64-Bit Preamble (8 Octets) Start of Frame Delimiter (SFD) DA DA SA SA Destination and Source Address (6 Octets each) L1 L2 Packet Length (2 Octets) D0 D1 Dn Data Field (Pad to minimum packet size) Frame Check Field (4 Octets) CRC I0 InterFrame Gap / Idle Code (> 12 Octets) Replaced by /T/R/ code-groups End of Stream Delimiter (ESD) IFG Replaced by /J/K/ code-groups Start of Stream Delimiter (SSD) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |