Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7106 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 7106
Description  3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7106 Datasheet(HTML) 3 Page - Unisonic Technologies

  7106 Datasheet HTML 1Page - Unisonic Technologies 7106 Datasheet HTML 2Page - Unisonic Technologies 7106 Datasheet HTML 3Page - Unisonic Technologies 7106 Datasheet HTML 4Page - Unisonic Technologies 7106 Datasheet HTML 5Page - Unisonic Technologies 7106 Datasheet HTML 6Page - Unisonic Technologies 7106 Datasheet HTML 7Page - Unisonic Technologies 7106 Datasheet HTML 8Page - Unisonic Technologies 7106 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
UTC7106
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R502-018,B
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (V+ ~ V-)
VDD
15
V
Analog Input Voltage (Either Input) (Note 1)
VI,ANG
V+ ~ V-
V
Reference Input Voltage (Either Input)
VI,REF
V+ ~ V-
V
Operating Temperature Range
TOP
0 ~ +70
℃
THERMAL INFORMATION
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance (Tyical, Note 2)
DIP-40
QFP-44
θJA
50
75
(
°C/W)
Maximum Junction Temperature
TJ
150
°C
Maximum Storage Temperature Range
TSTG
-65 ~ +150
°C
Maximum Lead Temperature (Soldering 10s) (QFP-44 only)
TLOAD
300
°C
Note 1: Input voltages may exceed the supply voltages provided the input current is limited to ±100μA.
Note 2: θJA is measured with the component mounted on a low effective thermal conductivity test board in free air.
See Tech Brief TB379 for details.
ELECTRICAL CHARACTERISTICS (Note 3)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SYSTEM PERFORMANCE
Zero Input Reading
RZ
VIN=0.0V, Full Scale=200mV
-000.0
±
000.0 +000.0
Digital
Reading
Ratiometric Reading
RR
VIN=VREF, VREF=100mV
999
999/1000 1000
Digital
Reading
Rollover Error
ER
-VIN=+VIN≒200mV
Difference in Reading for
Equal Positive and Negative
Inputs Near Full Scale
±
0.2
±
1
Counts
Linearity
L
Full Scale=200mV or Full
Scale=2V Maximum Devi-
ation from Best Straight Line
Fit (Note 5)
±
0.2
±
1
Counts
Common Mode Rejection Ratio
CMRR
VCM=1V,VIN=0V,
Full Scale=200mV(Note 5)
50
μ
V/V
Noise
VN
VIN=0V,Full Scale=200mV
(Peak-To-Peak Value Not
Exceeded 95% of Time)
15
μ
V
Leakage Current Input
IL
VIN=0(Note 5)
1
10
pA
Zero Reading Drift
DZR
VIN=0, 0℃ ~ 70℃ (Note 5)
0.2
1
μ
V/℃
Scale Factor Temperature
Coefficient
ΦT,S
VIN=199mV, 0℃ ~ 70℃,
(Ext.Ref.0ppm/℃) (Note 5)
1
5
ppm/℃
End Power Supply Character V+
Supply Current
IEP
VIN=0
1.0
1.8
mA
COMMON Pin Analog Common
Voltage
VCOM
25kΩ Between Common
and Positive Supply (With
Respect to +Supply)
2.4
3.0
3.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com