Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7106 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 7106
Description  3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7106 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button 7106 Datasheet HTML 4Page - Unisonic Technologies 7106 Datasheet HTML 5Page - Unisonic Technologies 7106 Datasheet HTML 6Page - Unisonic Technologies 7106 Datasheet HTML 7Page - Unisonic Technologies 7106 Datasheet HTML 8Page - Unisonic Technologies 7106 Datasheet HTML 9Page - Unisonic Technologies 7106 Datasheet HTML 10Page - Unisonic Technologies 7106 Datasheet HTML 11Page - Unisonic Technologies 7106 Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
UTC7106
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
8
QW-R502-018,B
only 10μA of source current, so COMMON may easily be tied to a more negative voltage thus overriding the internal
reference.
Iz
6.8V
ZENER
V-
V+
V
REF HI
REF LO
UTC 7106
COMMON
REF LO
REF HI
UTC 7106
V
20kΩ
6.8kΩ
ICL8069
V+
1.2V
REFERENCE
FIGURE 2B.
FIGURE 2A.
FIGURE 2. USING AN EXTERNAL REFERENCE
TEST
The TEST pin serves two function. On the UTC 7106 it is coupled to the internally generated digital supply through
a 500Ω resistor. Thus it can be used as the negative supply for externally generated segment drivers such as
decimal points or any other presentation the user may want to include on the LCD display. Figures 3 and 4 show
such an application. No more than a 1mA load should be applied.
The second function is a “lamp test”. When TEST is pulled high (to V+) all segments will be turned on and the
display should read ”1888”. The TEST pin will sink about 15mA under these conditions.
CAUTION: In the lamp test mode, the segments have a constant DC voltage (no square-wave) . This may burn the
LCD display if maintained for extended periods.
V+
TO LCD
BACKPLANE
1MΩ
TO LCE
DECIMAL
POINT
21
37
TEST
BP
UTC 7106
FIGURE 3. SIMPLE INVERTER FOR
FIXED DECIMAL POINT
V+
TEST
UTC 7106
BP
DECIMAL
POINT
SELECT
TO LCD
DECIMAL
POINTS
CD4030
GND
V+
FIGURE 4. EXCLUSIVE "OR" GATE FOR
DECIMAL POINT DRIVE
DIGITAL SECTION
Figure 5 show the digital section for the UTC 7106, respectively. In the UTC 7106, an internal digital ground is
generated from a 6V Zener diode and a large P-Channel source follower. This supply is made stiff to absorb the
relative large capacitive currents when the back plane(BP) voltage is switchied. The BP frequency is the clock
frequency divided by 800. For three readings/sec, this is a 60Hz square wave with a nominal amplitude of 5V. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com