Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7106 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 7106
Description  3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7106 Datasheet(HTML) 4 Page - Unisonic Technologies

  7106 Datasheet HTML 1Page - Unisonic Technologies 7106 Datasheet HTML 2Page - Unisonic Technologies 7106 Datasheet HTML 3Page - Unisonic Technologies 7106 Datasheet HTML 4Page - Unisonic Technologies 7106 Datasheet HTML 5Page - Unisonic Technologies 7106 Datasheet HTML 6Page - Unisonic Technologies 7106 Datasheet HTML 7Page - Unisonic Technologies 7106 Datasheet HTML 8Page - Unisonic Technologies 7106 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
UTC7106
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R502-018,B
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Temperature Coefficient of Analog
Common
ΦT,A
25kΩ Between Common
and Positive Supply (With
Respect to +Supply)
80
ppm/℃
DISPLAY DRIVER
Peak-To-Peak Segment Drive
Voltage
Peak-To-Peak Backplane Drive
Voltage
VD,PP
V+ ~ V-=9V(Note 4)
4
5.5
6
V
Note 3: Unless otherwise noted, specifications apply to the UTC 7106 at Ta=25℃, fCLOCK=48kHz, UTC 7106 is
tested in the circuit of Figure 1.
Note 4: Back plane drive is in phase with segment drive for”off”segment,180 degrees out of phase for”on”
segment .Frequency is 20 times conversion rate. Average DC component is less than 50mV.
Note 5: Not tested, guaranteed by design.
TYPICAL APPLICATIONS AND TEST CIRCUITS
(LCD DISPLAY COMPONENTS SELECTED FOR 200mV FULL SCALE)
UTC 7106
DISPLAY
R3
C4
R1
R4
C1
R5
C5
IN
+ -
C2 R2 C3
DISPLAY
C1=0.1μF
C2=0.47μF
C3=0.22μF
C4=100pF
C5=0.02μF
R1=24kΩ
R2=47kΩ
R3=91kΩ
R4=1kΩ
R5=1MΩ
+
-
9V
DESIGN INFORMATION SUMMARY SHEET
*OSCILLATOR FREQUENCY
fosc=0.45/RC
COSC>50pF, ROSC>50kΩ
fOSC (Typ)=48kHz
*OSCILLATOR PERIOD
tOSC=RC/0.45
*INTEGRATION CLOCK FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com