Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7106 Datasheet(PDF) 9 Page - Unisonic Technologies

Part # 7106
Description  3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7106 Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button 7106 Datasheet HTML 5Page - Unisonic Technologies 7106 Datasheet HTML 6Page - Unisonic Technologies 7106 Datasheet HTML 7Page - Unisonic Technologies 7106 Datasheet HTML 8Page - Unisonic Technologies 7106 Datasheet HTML 9Page - Unisonic Technologies 7106 Datasheet HTML 10Page - Unisonic Technologies 7106 Datasheet HTML 11Page - Unisonic Technologies 7106 Datasheet HTML 12Page - Unisonic Technologies 7106 Datasheet HTML 13Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
UTC7106
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
9
QW-R502-018,B
segments are driven at the same frequency and amplitude and are in phase with BP when OFF, but out of phase
when ON. In all cases negligible DC voltage exists across the segments.
LCD PHASE DRIVER
7
SEGMENT
DECODE
7
SEGMENT
DECODE
7
SEGMENT
DECODE
LATCH
1000 s
COUNTER
,
100 s
COUNTER
,
10 s
COUNTER
,
1 s
COUNTER
,
BACKPLANE
÷200
LOGIC
CONTROL
÷ 4
FROM COMPARATOR OUTPUT
* THREE INVERTERS ONE INVERTER SHOWN FOR CLARITY
CLOCK
40
39
38
OSC 1
OSC 2
OSC 3
FIGURE 5. DIGITAL SECTION
VTH=1V
26
37
6.2V
500Ω
TEST
V-
V+
1
21
TYPICAL SEGMENT OUTPUT
SEGMENT
OUTPUT
2mA
0.5mA
V+
INTERNAL DIGITAL GROUND
INTERNAL
DIGITAL
GROUND
*
a
b
a
b
g
f
e
c
d
a
b
g
f
e
c
d
a
b
g
f
e
c
d
TO SWITCH DRIVERS
SYSTEM TIMING
Figure 6 shows the clocking arrangement used in the UTC 7106. Two basic clocking arrangements can be used:
1. Figure 6A. An external oscillator connected to pin 40.
2. Figure 6B. An R-C oscillator using all three pins.
The oscillator frequency is divided by four before it clocks the decade counters. It is then further divided to form
the three convert-cycle phases. These are signal integrate (1000 counts), reference de-integrate(0 to 2000 counts)
and auto-zero(1000 ~ 3000 counts). For signals less than full scale. auto-zero gets the unused portion of reference
de-integrate. This makes a complete measure cycle of 4,000 counts (16,000 clock pulses) independent of input
voltage. For three readings/second, an oscillator frequency of 48kHz would be used.
To achieve maximum rejection of 60Hz pickup, the signal integrate cycle should be a multiple of 60Hz. Oscillator
frequencies of 240kHz, 120kHz, 80kHz, 60kHz, 48kHz, 40kHz, 33 1/3kHz, etc should be selected. For 50Hz
rejection, Oscillator frequencies of 200kHz, 100kHz, 66 2/3kHz, 50kHz, 40kHz, etc would be suitable. Note that
40kHz (2.5 readings/second) will reject both 50Hz and 60Hz (also 400Hz and 440Hz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com