Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18C Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # SMB18C
Description  Q45UR Remote Ultrasonic Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB18C Datasheet(HTML) 4 Page - Banner Engineering Corp.

  SMB18C Datasheet HTML 1Page - Banner Engineering Corp. SMB18C Datasheet HTML 2Page - Banner Engineering Corp. SMB18C Datasheet HTML 3Page - Banner Engineering Corp. SMB18C Datasheet HTML 4Page - Banner Engineering Corp. SMB18C Datasheet HTML 5Page - Banner Engineering Corp. SMB18C Datasheet HTML 6Page - Banner Engineering Corp. SMB18C Datasheet HTML 7Page - Banner Engineering Corp. SMB18C Datasheet HTML 8Page - Banner Engineering Corp. SMB18C Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1. Access Programming Mode. Push and hold the Limits button until the green indicator LED turns off (approximately 2
seconds).
LED Indicator
Status
Green
Turns off
Amber
On to indicate the sensor is ready to learn the first limit
Red
Flashes to indicate the strength of the echo, or it is off if no target is present
2. Set the first limit (or single set point). Place the target at the first limit and press the Limits button for less than 2
seconds.
LED Indicator
Status
Green
Remains off
Amber
Flashes at 2 Hz to indicate the sensor is ready to learn the second limit
Red
On for a moment, then resumes flashing to indicate the strength of echo
3. Set the second limit. Place the target at the second limit and press the Limits button for less than 2 seconds.
LED Indicator
Status
Green
Remains off, then turns on (returns to Run mode)
Amber
On for a moment, then is either on or off to indicate the output state (returns to Run mode)
Red
On for a moment, then resumes flashing to indicate the strength of the echo (returns to Run
mode)
Notes Regarding Window Limit Programming
1. Either the near or far limit may be programmed, first.
2. There is a 2-minute time-out for programming the first limit. The sensor returns to Run mode with the previously
programmed limits. There is no time-out between programming of the first and second limit.
3. Cancel the programming sequence at any time by pressing and holding the button for longer than 2 seconds. The
sensor returns to Run mode with the previously programmed limits.
4. If a limit is rejected during either programming step, the sensor reverts to the first limit programming step,
indicated by the Green LED (off), the Red LED (flashing to indicate signal strength), and the Amber LED (on).
5. If both limits are accepted, the sensor returns to Run mode, which is indicated by the Green LED (on).
6. During limit programming, the 5-segment moving dot indicator displays the relative target position between 50
mm (2 inches) and 250 mm (the maximum recommended far limit position is 250 mm (10 inches)).
7. If the target is father than 250 mm (10 inches), the 5th segment of the moving dot indicator flashes to indicate
that a valid echo is received, but the target is beyond the recommended 250 mm (10 inches) maximum far limit.
8. If the target is held at the same position for programming of both limits, the sensor establishes a 200 mm-wide
sensing window, centered on the target position.
U-GAGE® Q45UR Remote Ultrasonic Sensors
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 59321 Rev B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com