Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18C Datasheet(PDF) 8 Page - Banner Engineering Corp.

Part # SMB18C
Description  Q45UR Remote Ultrasonic Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB18C Datasheet(HTML) 8 Page - Banner Engineering Corp.

Back Button SMB18C Datasheet HTML 2Page - Banner Engineering Corp. SMB18C Datasheet HTML 3Page - Banner Engineering Corp. SMB18C Datasheet HTML 4Page - Banner Engineering Corp. SMB18C Datasheet HTML 5Page - Banner Engineering Corp. SMB18C Datasheet HTML 6Page - Banner Engineering Corp. SMB18C Datasheet HTML 7Page - Banner Engineering Corp. SMB18C Datasheet HTML 8Page - Banner Engineering Corp. SMB18C Datasheet HTML 9Page - Banner Engineering Corp. SMB18C Datasheet HTML 10Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Wiring Diagrams
Q45UR Controller with Attached Cable
Q45UR Controller with 5-pin QD
Key
1
2
3
+
–
4
5
Load
12−24 V dc
Remote Teach
(+5−24 V dc)
Load
shield*
1
2
3
+
–
4
5
Load
Load
12−24 V dc
Remote Teach
(+5−24 V dc)
shield*
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray (Euro-style) or
yellow (Mini-style)
Banner Engineering Corp.
recommends that the shield
wire be connected to earth
ground or dc common.
Accessories
Cordsets
5-Pin Mini-Style Cordsets with Shield
Model
Length
Style
Dimensions
Pinout (Female)
MBCC2-506
1.83 m (6 ft)
Straight
7/8-16UN-2B
ø 28 mm max.
(1.1")
61 mm max.
(2.4")
4
3
1
5
2
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Yellow
MBCC2-512
3.66 m (12 ft)
MBCC2-530
9.14 m (30 ft)
5-Pin Threaded M12/Euro-Style Cordsets with Shield
Model
Length
Style
Dimensions
Pinout
MQDEC2-506
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDEC2-515
4.57 m (15 ft)
MQDEC2-530
9.14 m (30 ft)
MQDEC2-550
15.2 m (50 ft)
MQDEC2-506RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDEC2-515RA
4.57 m (15 ft)
MQDEC2-530RA
9.14 m (30 ft)
MQDEC2-550RA
15.2 m (50 ft)
U-GAGE® Q45UR Remote Ultrasonic Sensors
8
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 59321 Rev B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com