Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18C Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # SMB18C
Description  Q45UR Remote Ultrasonic Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB18C Datasheet(HTML) 2 Page - Banner Engineering Corp.

  SMB18C Datasheet HTML 1Page - Banner Engineering Corp. SMB18C Datasheet HTML 2Page - Banner Engineering Corp. SMB18C Datasheet HTML 3Page - Banner Engineering Corp. SMB18C Datasheet HTML 4Page - Banner Engineering Corp. SMB18C Datasheet HTML 5Page - Banner Engineering Corp. SMB18C Datasheet HTML 6Page - Banner Engineering Corp. SMB18C Datasheet HTML 7Page - Banner Engineering Corp. SMB18C Datasheet HTML 8Page - Banner Engineering Corp. SMB18C Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Overview
The Q45UR ultrasonic sensor features a single button for programming the sensing window limits. You may set the window
limits in one of two ways: programming two independent window limits, or defining a sensing distance set point, which is
centered within a window whose size is determined by the setting of DIP switches 2 and 3.
Independent Window Limits. Place the target at the desired position to set the first limit. Set the second limit using the
same procedure. To set two independent limits, the window must be at least 5 mm wide.
Sensing Distance Set Point. Teach the sensor the same set point for both window limits. This set point is centered
within an overall window size of 1, 2, 3, or 4 mm (0.04, 0.08, 0.12, or 0.16 inches), determined by the DIP switch
settings. The DIP switches are located inside the controller, under the inner cover.
Limits
N
1 2 3 4 5
3
4
5
1
2
6
Figure 1. Q45UR Features
1. Button for programming the sensing window limits
2. 5-Segment target position indicator (N = Near)
3. Green power indicator
4. Red signal indicator
5. Amber output indicator
6. Slots for removing the inner cover
Status Indicators
Status indicator LEDs are visible through the transparent, o-ring sealed acrylic top cover. Their function is as follows:
•
The green LED is solid when power is applied to the sensor and flashes to indicate an overloaded output.
•
The red LED flashes when an echo is received. The flash rate is proportional to the echo strength.
•
The amber LED is solid when the outputs are conducting.
The 5-segment moving dot LED indicator tracks the position of the target relative to the programmed window limits.
For Independent Window Limits ( > 5 mm windows). LED 1 flashes when the target is closer than the near window
limit. LED 5 flashes when the target is beyond the far window limit. LED 3 is on when the target is near the center of the
two limits. When all the LEDs are off, there is no target present.
For Sensing Distance Set Points (1, 2, 3, or 4 mm windows). LED 1 flashes when the target is closer than the near
window limit. LED 3 is on when the target is within the sensing window. LED 5 flashes when the target is beyond the far
sensing window. When all the LEDs are off, there is no target present.
Configuring a Sensor
Setting the DIP Switches
Function
DIP Switches
1
2
3
4
Normally Closed Output Mode (output energizes when
target is absent or outside the window limits)
ON
Normally Open Output Mode (output energizes when
target is sensed inside the window limits)
OFF *
1 mm Window (Sensing set point ± 0.5 mm)
OFF
OFF
U-GAGE® Q45UR Remote Ultrasonic Sensors
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 59321 Rev B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com