Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18C Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # SMB18C
Description  Q45UR Remote Ultrasonic Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB18C Datasheet(HTML) 3 Page - Banner Engineering Corp.

  SMB18C Datasheet HTML 1Page - Banner Engineering Corp. SMB18C Datasheet HTML 2Page - Banner Engineering Corp. SMB18C Datasheet HTML 3Page - Banner Engineering Corp. SMB18C Datasheet HTML 4Page - Banner Engineering Corp. SMB18C Datasheet HTML 5Page - Banner Engineering Corp. SMB18C Datasheet HTML 6Page - Banner Engineering Corp. SMB18C Datasheet HTML 7Page - Banner Engineering Corp. SMB18C Datasheet HTML 8Page - Banner Engineering Corp. SMB18C Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Function
DIP Switches
1
2
3
4
2 mm Window (Sensing set point ± 1 mm)
ON
OFF
3 mm Window (Sensing set point ± 1.5 mm)
OFF *
ON *
4 mm Window (Sensing set point ± 2 mm)
ON
ON
40 ms Response Time
ON
160 ms Response Time
OFF *
* Factory default settings
DIP switches 2 and 3 are used to set the window size if a set point is programmed. If two independent window limits are
programmed, these switch settings are disregarded.
NOTE: Hysteresis is 0.5 mm for all window tolerance settings.
1
ON
2
3
4
Figure 2. Q45UR DIP Switches (default settings)
"Nominal" Sensing
Distance Set Point
50−250 mm (2−10 in)
Sensing Window Size =
1 mm, 2 mm, 3 mm, or 4 mm
Feature or Surface
Being Detected
(Sensing Hysteresis is 0.5 mm)
Figure 3. Sensing Distance Set Point and Window Size
To set the DIP switches:
1. Insert a small, flat-bladed screwdriver into the two slots shown in Figure 1 on page 2.
2. Remove the black inner cover to expose the DIP switches.
3. Set the required DIP switches.
Programming the Window Limits
Use the Limits button, located under the transparent top cover, to program the near and the far limits.
The near limit may be set as close as 50 mm (2 inches) and the far limit may be set as far as 250 mm (10 inches) from
the transducer face. Minimum window width is 1 mm (0.04 inches). When possible, use the actual target to be sensed
when setting the window limits.
The following procedure begins with the sensor in Run mode.
U-GAGE® Q45UR Remote Ultrasonic Sensors
P/N 59321 Rev B
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com