Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH15F104F6R3CT Datasheet(PDF) 15 Page - WALSIN TECHNOLOGY CORPORATION

Part # SH15F104F6R3CT
Description  Soft Termination Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SH15F104F6R3CT Datasheet(HTML) 15 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SH15F104F6R3CT Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 15 of 27
ASC_Soft termination_(SH)_020O_DS
Jun. 2019
X7R Dielectric 1808, 1812 Sizes
DIELECTRIC
X7R
SIZE
1808
1812
RATED VOLTAGE
(VDC)
500
630 1000 1500 2000 3000
10
16
25
50
100 200 250 500 630 1000 1500 2000 3000
100pF (101)
120pF (121)
150pF (151)
D
D
D
D
D
D
180pF (181)
D
D
D
D
D
D
220pF (221)
D
D
D
D
D
D
270pF (271)
D
D
D
D
D
D
D
D
D
D
D
D
D
K
330pF (331)
D
D
D
D
D
K
D
D
D
D
D
D
D
K
390pF (391)
D
D
D
D
D
K
D
D
D
D
D
D
D
K
470pF (471)
D
D
D
D
D
K
D
D
D
D
D
D
D
K
560pF (561)
D
D
D
D
D
K
D
D
D
D
D
D
D
K
680pF (681)
D
D
D
D
D
K
D
D
D
D
D
D
D
K
820pF (821)
D
D
D
D
D
K
D
D
D
D
D
D
D
K
1,000pF (102)
D
D
D
K
K
K
D
D
D
D
D
D
D
D
D
D
D
D
K
1,200pF (122)
D
D
D
K
K
K
D
D
D
D
D
D
D
D
D
D
D
D
K
1,500pF (152)
D
D
D
K
K
K
D
D
D
D
D
D
D
D
D
D
D
D
K
1,800pF (182)
D
D
D
K
K
K
D
D
D
D
D
D
D
D
D
D
G
G
M
2,200pF (222)
D
D
D
K
K
D
D
D
D
D
D
D
D
D
D
G
G
M
2,700pF (272)
D
D
D
K
K
D
D
D
D
D
D
D
D
D
D
G
G
M
3,300pF (332)
D
D
D
K
K
D
D
D
D
D
D
D
D
D
D
K
K
M
3,900pF (392)
D
D
D
K
K
D
D
D
D
D
D
D
D
D
D
K
K
M
4,700pF (472)
D
D
D
K
K
D
D
D
D
D
D
D
D
D
D
K
K
M
5,600pF (562)
K
K
K
K
K
D
D
D
D
D
D
D
D
D
D
M
M
M
6,800pF (682)
K
K
K
K
K
D
D
D
D
D
D
D
D
D
D
M
M
M
8,200pF (822)
K
K
K
D
D
D
D
D
D
D
D
D
D
M
M
0.010
µF (103) K
K
K
D
D
D
D
D
D
D
D
D
D
M
M
0.012
µF (123) K
K
K
D
D
D
D
D
D
D
D
D
K
0.015
µF (153) K
K
K
D
D
D
D
D
D
D
D
D
K
0.018
µF (183) K
K
K
D
D
D
D
D
D
D
D
D
M
0.022
µF (223) K
K
K
D
D
D
D
D
D
D
D
D
M
0.027
µF (273) K
K
K
D
D
D
D
D
D
D
D
D
M
0.033
µF (333) K
K
K
D
D
D
D
D
D
D
D
D
M
0.039
µF (393) K
K
K
D
D
D
D
D
D
D
D
D
M
0.047
µF (473) K
K
K
D
D
D
D
D
D
D
D
D
M
0.056
µF (563) K
K
K
D
D
D
D
D
D
D
K
K
M
0.068
µF (683) K
K
D
D
D
D
D
D
D
K
K
M
0.082
µF (823) K
K
D
D
D
D
D
D
D
K
K
M
0.10
µF (104)
D
D
D
D
D
D
D
K
K
M
0.12
µF (124)
D
D
D
D
D
D
D
M
M
0.15
µF (154)
D
D
D
D
D
K
K
M
M
0.18
µF (184)
D
D
D
D
D
K
K
M
M
0.22
µF (224)
D
D
D
D
D
K
K
M
M
0.27
µF (274)
D
D
D
D
D
K
K
M
0.33
µF (334)
D
D
D
D
D
K
K
M
0.39
µF (394)
D
D
D
D
D
K
K
M
0.47
µF (474)
D
D
D
D
K
K
K
M
0.56
µF (564)
D
D
D
D
K
M
M
0.68
µF (684)
D
D
D
K
K
M
M
0.82
µF (824)
D
D
D
K
K
M
M
1.0
µF (105)
D
D
D
K
K
M
M
1.5
µF (155)
K
2.2
µF (225)
M
M
3.3
µF (335)
4.7
µF (475)
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com