Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH15F104F6R3CT Datasheet(PDF) 22 Page - WALSIN TECHNOLOGY CORPORATION

Part # SH15F104F6R3CT
Description  Soft Termination Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SH15F104F6R3CT Datasheet(HTML) 22 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SH15F104F6R3CT Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 20Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 21Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 22Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 23Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 24Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 25Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 26Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 22 of 27
ASC_Soft termination_(SH)_020O_DS
Jun. 2019
No.
Item
Test Condition
Requirements
13. Humidity (Damp
Heat) Steady State
*Test temp.: 40±2°C
*Humidity: 90~95%RH
*Test time: 500+24/-0hrs.
*Before initial measurement (Class II
only): To apply de-aging at 150°C for
1hr then set for 24±2 hrs at room temp.
* Cap. / DF(Q) / I.R. Measurement to be
made after de-aging at 150°C for 1hr
then set for 24±2 hrs at room temp.
* No remarkable damage.
* Cap change:
NP0: within ±5% or 0.5pF whichever is larger
X7R, X5R, X6S, X7S:
≥10V**,within ±12.5%; ≦6.3V within ±25%;
TT series & C
≥ 1uF,within ±25%
**10V: 0603≧4.7
µF;0402≧1µF;0201≧0.1µF, within ±25%;
Y5V:
≥10V, within ±30%; ≦6.3V, within +30/-40%
* Q/D.F. value:
NP0: More than 30pF Q
≥350, 10pF≤C≤30pF, Q≥275+2.5C
Less than 10pF Q
≥200+10C
X7R, X5R, X6S, X7S:
Rated
vol.
D.F.≦
Exception of D.F.≦
≧
100V≦3%
≦
6%
1206≧0.47
µF
≦
7.5% 0805>0.1µF, 0603≧0.068
µF, 1206>1µF;1210≧2.2µF;TT series
≦
20% 0805>0.22µF;
≧
1210
3.3
µF
50V
≦
3%
≦
6%
0201(50V);0603≧0.047
µF; 0805≧0.18µF; 1206≧0.47µF
≦
10%
≧
0201
0.01uF;1210≧4.7
µF
≦
20%
0402≧0.012
µF; 0603>0.1µF; 0805≧1µF(0805/X7R>0.47µF);
1206≧2.2
µF; 1210≧10µF; TT series
35V
≦
5%
≦
20% 0603≧
≧
≧
1µF;0805≥2.2 F;1206 2.2µF;1210 10µF
25V
≦
5%
≦
10% 0201≧0.01
µF;0805≧1µF; 1210≧10µF
≦
14% 0603≧0.33
µF
≦
15%
≧
0201
0.1µF;0402≧0.10µF&(0402/X7R≧0.056µF); TT series
;0603≧0.47
µF;0805≧2.2µF;1206≧4.7µF;1210≧22µF
≦
20%
≧
0402
0.47
µF
16V
≦
5%
≦
10% 0603≧0.15
µF;0805≧0.68µF;1206≧2.2µF;1210≧4.7µF
≦
15%
0201≧
≧
0.01
µF(0201/X7R 0.022µF);0402≧0.033µF;
0603≧0.68
µF;0805≧2.2µF;1206≧4.7µF; 1210≧22µF; TT series
10V
≦
7.5%
≦
15%
0201≧0.012
µF; 0402≧0.33µF(0402/X7R≧0.22µF);
0603≧0.33
µF;0805≧2.2µF;1206≧2.2µF; 1210≧22µF
≦
20% 0201≧0.1
µF ;0402≧1µF; TT series; 01R5
6.3V
≦
15% ≦30%
0201≧0.1
µF;0402≧1µF(0402/X6S≧0.47µF);0603≧10µF;
0805≧4.7
µF;1206≧47µF;1210≧100µF;TT series
4V
≦
20% ---
---
Y5V:
Rated vol.
D.F.≦
Exception of D.F.≦
≧
50V
≦
7.5%
≦
10%
0603≧0.1
µF; 0805≧0.47µF;
1206≧4.7
µF
≦
20% 1210≧6.8
µF
35V
≦
10% ---
---
25V
≦
7.5%
≦
10%
0402≧0.047
µF;0603≧0.1µF;
0805≧0.33
µF;1206≧1µF; 1210≧4.7µF
≦
15%
0402≧0.068
µF;0603≧0.47µF;
1206≧4.7
µF; 1210≧22µF
16V
(C<1.0
µF) ≦10%
≦
12.5%0402≧0.068
µF; 0603≧0.68µF
≦
20% 0402≧0.22
µF
16V
(C≧1.0
µF) ≦12.5%≦20%
0603≧2.2
µF; 0805≧3.3µF;
1206≧10
µF;1210≧22µF; 1812≧47µF;
10V
≦
20% ≦30% 0402≧0.47
µF
6.3V
≦
30% ---
---
*I.R.:
≥10V, 1G or 50 -F whichever is smaller.
Class II (X7R, X5R, X6S, X7S, Y5V)
Rated voltage
Insulation
Resistance
100V: All X7R;1210
≥3.3µF
1G
or
RxC≧10
-F
whichever is
smaller.
50V: 0402>0.01µF;0603
≥1µF;0805≥1µF;1206≥4.7µF;1210≥4.7µF
35V:0603
≥1µF;0805≥2.2µF; 1206≧2.2µF;1210≧10µF
25V:0201≧0.1uF; 0402
≥0.22µF; 0603≥2.2µF;0805≥2.2µF;
1206
≥10µF;1210≥10µF
16V: 0201≧0.1uF;0402
≥0.22µF;0603≥1µF;0805≥2.2µF;
1206
≥10µF;1210≥47µF
10V:0201
≥47nF;0402≥0.47µF;0603≥0.47µF;0805≥2.2µF;
1206
≥4.7µF;1210≥47µF
6.3V ; 4V ; TT series ; All X6S/X7S items; Size
≥1812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com