Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH15F104F6R3CT Datasheet(PDF) 17 Page - WALSIN TECHNOLOGY CORPORATION

Part # SH15F104F6R3CT
Description  Soft Termination Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SH15F104F6R3CT Datasheet(HTML) 17 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SH15F104F6R3CT Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 20Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 21Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 17 of 27
ASC_Soft termination_(SH)_020O_DS
Jun. 2019
7-2. CAPACITANCE RANGE (X5R Dielectric)
Dielectric
X5R
Size
0402
0603
0805
1206
1210
Rated Voltage (VDC) 6.3
10
16
25
6.3 10
16
25
50 6.3 10
16
25
50 6.3 10
16
25
50 6.3 10
16
25
50
0.027
µF (273)
E
0.033
µF (333)
E
0.039
µF (393)
E
0.047
µF (473)
E
0.056
µF (563)
E
E
0.068
µF (683)
E
E
0.082
µF (823) E
E
E
0.10
µF (104) E
E
E
E
0.15
µF (154) E
E
E
E
0.22
µF (224) E
E
E
E
X
X
0.27uF (274)
X
X
X
0.33
µF (334) E
E
X
X
X
X
0.39
µF (394)
X
X
X
0.47
µF (474) E
E
X
X
X
0.68
µF (684) E
E
X
X
X
X
0.82uF (824)
X
X
X
1.0
µF (105)
X
X
X
X
1.5
µF (155)
X
I
I
I
I
J
J
K
K
2.2
µF (225)
X
X
X
I
I
I
I
J
J
P
K
K
3.3
µF (335)
X
I
I
I
I
P
P
P
4.7
µF (475)
X
P
P
P
P
K
K
K
6.8uF (685)
P
P
10
µF (106)
P
P
P
P
K
K
K
22
µF (226)
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.
7-3. CAPACITANCE RANGE (Y5V Dielectric)
DIELECTRIC
Y5V
SIZE
0402
0603
RATED VOLTAGE
6.3
10
16
25
50
10
16
25
50
0.010
µF (103)
E
E
E
E
S
S
S
S
0.015
µF (153)
E
E
E
E
S
S
S
S
0.022
µF (223)
E
E
E
E
S
S
S
S
0.033
µF (333)
E
E
E
E
S
S
S
S
0.047
µF (473)
E
E
E
S
S
S
S
0.068
µF (683)
E
E
E
S
S
S
S
0.10
µF (104)
E
E
E
S
S
S
S
0.15
µF (154)
E
S
S
S
S
0.22
µF (224)
E
E
S
S
S
S
0.33
µF (334)
E
E
S
S
S
0.47
µF (474)
S
S
0.68
µF (684)
S
X
1.0
µF (105)
S
X
2.2
µF (225)
S
4.7
µF (475)
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com