Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH15F104F6R3CT Datasheet(PDF) 18 Page - WALSIN TECHNOLOGY CORPORATION

Part # SH15F104F6R3CT
Description  Soft Termination Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SH15F104F6R3CT Datasheet(HTML) 18 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SH15F104F6R3CT Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 20Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 21Page - WALSIN TECHNOLOGY CORPORATION SH15F104F6R3CT Datasheet HTML 22Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 18 of 27
ASC_Soft termination_(SH)_020O_DS
Jun. 2019
8. PACKAGING STYLE AND QUANTITY
Size
Thickness (mm)/Symbol
Paper tape
Plastic tape
7” reel
13” reel
7” reel
13” reel
0402 (1005)
0.50±0.20
E
10k
-
-
-
0603 (1608)
0.80±0.07
S
4k
15k
-
-
0.80±0.30
X
4k
15k
-
-
0805 (2012)
0.60±0.10
A
4k
15k
-
-
0.80±0.10
B
4k
15k
-
-
1.25±0.10
D
-
-
3k
10k
1.25±0.30
I
-
-
3k
10k
1206 (3216)
0.80±0.10
B
4k
15k
-
-
0.95±0.10
C
-
-
3k
10k
1.15±0.15
J
-
-
3k
10k
1.25±0.10
D
-
-
3k
10k
1.60±0.20
G
-
-
2k
10k
1.60±0.50
P
-
-
2k
9k
1210 (3225)
0.95±0.10
C
-
-
3k
10k
1.25±0.10
D
-
-
3k
10k
1.60±0.20
G
-
-
2k
-
2.00±0.20
K
-
-
1k
6k
2.50±0.50
M
-
-
1k
6k
1812 (4532)
1.25±0.10
D
-
-
1k
5k
1.60±0.20
G
-
-
1k
-
2.00±0.20
K
-
-
1k
-
2.50±0.50
M
-
-
0.5k
3k
1825 (4563)
2220 (5750)
2225 (5763)
2.00±0.20
K
-
-
1k
-
2.50±0.30
M
-
-
0.5k
-
2.80±0.30
U
-
-
0.5k
-
Unit: pieces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com