Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT040DNPFWD Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT040DNPFWD
Description  Preliminary Specification
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT040DNPFWD Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LMT040DNPFWD Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Feature
Spec
Size
4.0 inch
Resolution
360(RGB) * 600
Technology Type
a-Si TFT
Pixel Configuration
R.G.B. Stripe
Pixel pitch(mm)
0.144*0.048
Display Mode
ECB Transflective,NW
Surface Treatment
HC
Viewing Direction
6 o’clock
Display Spec.
Gray Scale Inversion Direction
12 o'clock
LCM (W x H x D) (mm)
60.04*102.8*2.8
Active Area(mm)
51.84*86.4
With /Without TSP
Without TSP
Matching Connection Type
PF030-O**B-C10-H
LED Numbers
8 LEDs
Mechanical
Characteristics
Weight (g)
33.2
Interface
RGB 24 bits
Color Depth
16.7M
Electrical
Characteristics
Driver IC
HX8376-A
Model No:
LMT040DNPFWD
1 General Specifications
Note 1: Viewing direction for best image quality is different from TFT definition. There is a 180 degree
shift.
Note 2:
Note 3:
Requirements on Environmental Protection: Q/S0002
LCM weight tolerance: +/- 5%
The information contained herein is the exclusive property of SHENZHEN TOPWAY TECHNOLOGY CO.,LTD.
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
SHENZHEN TOPWAY TECHNOLOGY CO.,LTD..
Page 4 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com