Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT040DNPFWD Datasheet(PDF) 16 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT040DNPFWD
Description  Preliminary Specification
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT040DNPFWD Datasheet(HTML) 16 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT040DNPFWD Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 14Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 15Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 16Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 17Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 18Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 19Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 20Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Item
Min
TYP
MAX
Transmittance (%)
1.6
1.8
---
Gamma Curve
---
2.2
---
Luminance (cd/m2)
160
200
---
Contrast ratio
80
100
---
Top
45
55
---
Bottom
30
40
---
Left
30
40
---
Viewing angle
CR≧10
Right
35
45
---
Response time
Tr +Tf (ms) (25℃)
35
40
50
Wx
0.25
0.3
0.35
White
Wy
0.28
0.33
0.38
Rx
0.52
0.57
0.62
Red
Ry
0.28
0.33
0.38
Gx
0.28
0.33
0.38
Green
Gy
0.44
0.49
0.54
Bx
0.11
0.16
0.21
Chromaticity
Blue
By
0.11
0.16
0.21
NTSC (%)
---
35
---
Item
Min
Typ
MAX
Reflectance
5.4%
6%
---
Contrast ratio
5
8
---
Top
50
60
---
Bottom
50
60
---
Left
45
55
---
Viewing angle
CR≧10
Right
50
60
---
Wx
0.27
0.32
0.37
White
Wy
0.29
0.34
0.39
Rx
0.34
0.39
0.44
Red
Ry
0.28
0.33
0.38
Gx
0.28
0.33
0.38
Green
Gy
0.34
0.39
0.44
Bx
0.17
0.22
0.27
Chromaticity
Blue
By
0.18
0.23
0.28
NTSC
---
5
---
Model No:
LMT040DNPFWD
6 Optical Characteristics
T a=25℃
Transmissive mode
Reflective mode
Test Conditions:
1.
2.
IF= 20 mA, VF=6.4 V and the ambient temperature is 25±2℃.humidity is 65±7%
The test systems refer to Note 1 and Note 2.
The information contained herein is the exclusive property of SHENZHEN TOPWAY TECHNOLOGY CO.,LTD.
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
SHENZHEN TOPWAY TECHNOLOGY CO.,LTD..
Page 16 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com