Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT040DNPFWD Datasheet(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT040DNPFWD
Description  Preliminary Specification
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT040DNPFWD Datasheet(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT040DNPFWD Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Item
Symbol
MIN
MAX
Unit
Remark
I/0 circuit power
VDDC
-0.3
3.6
V
Analog power
VCC
-0.3
5.5
V
Input voltage
DB[0~23],VSYNC,HSYN
C,DE,PCLK
-0.3
3.6
V
Back Light Forward
Current
ILED
25
mA
For each LED
Operating Temperature
TOPR
-20
70
℃
Storage Temperature
TSTG
-30
80
℃
Model No:
LMT040DNPFWD
3 Absolute Maximum Ratings
Ta = 25℃
Table 3.1 absolute maximum rating
The information contained herein is the exclusive property of SHENZHEN TOPWAY TECHNOLOGY CO.,LTD.
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
SHENZHEN TOPWAY TECHNOLOGY CO.,LTD..
Page 7 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com