Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT040DNPFWD Datasheet(PDF) 22 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT040DNPFWD
Description  Preliminary Specification
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT040DNPFWD Datasheet(HTML) 22 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT040DNPFWD Datasheet HTML 15Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 16Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 17Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 18Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 19Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 20Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 21Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 22Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 23Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Model No:
LMT040DNPFWD
10 Precautions for Use of LCD Modules
10.1 Handling Precautions
10.1.1
The display panel is made of glass. Do not subject it to a mechanical shock by dropping it
from a high place, etc.
10.1.2
If the display panel is damaged and the liquid crystal substance inside it leaks out, be
sure not to get any in your mouth, if the substance comes into contact with your skin or clothes,
promptly wash it off using soap and water.
10.1.3
Do not apply excessive force to the display surface or the adjoining areas since this may
cause the color tone to vary.
10.1.4
The polarizer covering the display surface of the LCD module is soft and easily scratched.
Handle this polarizer carefully.
10.1.5
If the display surface is contaMinated, breathe on the surface and gently wipe it with a
soft dry cloth. If still not completely clear, moisten cloth with one of the following solvents:
-
Isopropyl alcohol
-
Ethyl alcohol
Solvents other than those mentioned above may damage the polarizer. Especially, do not use the
following:
-
Water
-
Ketone
-
Aromatic solvents
10.1.6
10.1.7
10.1.8
Do not attempt to disassemble the LCD Module.
If the logic circuit power is off, do not apply the input signals.
To prevent destruction of the elements by static electricity, be careful to maintain an
optimum work environment.
10.1.8.1 Be sure to ground the body when handling the LCD Modules.
10.1.8.2 T oolsrequired for assembly, such as soldering irons, must be properly ground.
10.1.8.3 To reduce the amount of static electricity generated, do not conduct assembly and other
work under dry conditions.
10.1.8.4 The LCD Module is coated with a film to protect the display surface. Be care when
peeling off this protective film since static electricity may be generated.
10.2 Storage precautions
10.2.1
When storing the LCD modules, avoid exposure to direct sunlight or to the light of
fluorescent lamps.
10.2.2
The LCD modules should be stored under the storage temperature range. If the LCD
modules will be stored for a long time, the recommend condition is:
T emperature: 0℃ ~ 40℃
Relatively humidity: ≤80%
10.2.3
The LCD modules should be stored in the room without acid, alkali and harmful gas.
10.3 TransportationPrecautions
10.3.1
The LCD modules should be no falling and violent shocking during transportation, and
The information contained herein is the exclusive property of SHENZHEN TOPWAY TECHNOLOGY CO.,LTD.
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
SHENZHEN TOPWAY TECHNOLOGY CO.,LTD..
Page 22 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com