Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA450A Datasheet(PDF) 54 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 50Page - STMicroelectronics STA450A Datasheet HTML 51Page - STMicroelectronics STA450A Datasheet HTML 52Page - STMicroelectronics STA450A Datasheet HTML 53Page - STMicroelectronics STA450A Datasheet HTML 54Page - STMicroelectronics STA450A Datasheet HTML 55Page - STMicroelectronics STA450A Datasheet HTML 56Page - STMicroelectronics STA450A Datasheet HTML 57Page - STMicroelectronics STA450A Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
STA450A
54/66
3.3.36 HWID_READ_REQ
3.3.37 UTC_REQ
3.3.38 CLEAR_DATA_REQ
3
progtype_bit_mask02
bit 7 – program type 15
bit 6 – program type 14
bit 5 – program type 13
bit 4 – program type 12
bit 3 – program type 11
bit 2 – program type 10
bit 1 – program type 09
bit 0 – program type 08
Program type mask 2 – program type
status indication bits for program type 16
to program type 23.
4
progtype_bit_mask03
bit 7 – program type 31
bit 6 – program type 30
bit 5 – program type 29
bit 4 – program type 28
bit 3 – program type 27
bit 2 – program type 26
bit 1 – program type 25
bit 0 – program type 24
Program type mask 3 – program type
status indication bits for program type 24
to program type 31.
BYTE
FIELD
VALUE
DESCRIPTION
0
HWID_READ_REQ
0x31
HWID Read Request header
BYTE
FIELD
VALUE
DESCRIPTION
0
HWID_READ_CFM
0xB1
HWID Read Confirm header
1 – 8
Hwid
Alphanumeric characters
Hardware Identification (HWID).
BYTE
FIELD
VALUE
DESCRIPTION
0
UTDC_REQ
0x32
HWID Read Confirm header
BYTE
FIELD
VALUE
DESCRIPTION
0
UNIVERSAL_TIME_CFM
0xB2
Universal Time Confirm header
1
utc_status
0x00 – UTC_ABSENT
0x01 – UTC_PRESENT
If UTC was not received, then DSP
returns UTC_ABSENT. If UTC was
received, then DSP returns
UTC_PRESENT.
2 – 8
UTC
Universal Time.
Reference: Transport Layer.
9 – 11
MFC
Master Frame Counter
Reference: Transport Layer
Specification.
BYTE
FIELD
VALUE
DESCRIPTION
0
CLEAR_DATA_REQ
0x34
Clear Data Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com