Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA450A Datasheet(PDF) 58 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 54Page - STMicroelectronics STA450A Datasheet HTML 55Page - STMicroelectronics STA450A Datasheet HTML 56Page - STMicroelectronics STA450A Datasheet HTML 57Page - STMicroelectronics STA450A Datasheet HTML 58Page - STMicroelectronics STA450A Datasheet HTML 59Page - STMicroelectronics STA450A Datasheet HTML 60Page - STMicroelectronics STA450A Datasheet HTML 61Page - STMicroelectronics STA450A Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 66 page
background image
STA450A
58/66
3.3.42 SDEC_VER_REQ
3.3.43 FAST_CLEAR_EVENT
3.3.44 FAST_DISABLE_INT_REQ
3.3.45 FAST_ENABLE_INT_REQ
3.3.46 FAST_EXTRACT_REQ
BYTE
FIELD
VALUE
DESCRIPTION
0
SDEC_VER_REQ
0x4D
Read Data Request
1
sdec_version
0x21 HCMOS 7
0x25 HCMOS 8
SDEC version number expected by
system controller.
BYTE
FIELD
VALUE
DESCRIPTION
0
FAST_EVENT_CLR_REQ
0x50
Event or error bit/s clear request
1
Reg
0x45 – 0x48
0x4B – 0x4C
Event or Error register to be written
2
mask
Mask to apply to the specified register
(e.g. 0x01 clear bit 1 of the specified
register)
BYTE
FIELD
VALUE
DESCRIPTION
0
FAST_DISABLE_INT_REQ
0x51
Event or error interrupt/s disable request
1
Reg
0x41 – 0x44
0x49 – 0x4A
Event and Error enable interrupt register
to be written
2
mask
Mask to apply to the specified register
(e.g. 0x01 clear bit 1 of the specified
register)
BYTE
FIELD
VALUE
DESCRIPTION
0
FAST_ENABLE_INT_REQ
0x52
Event or error interrupt/s enable request
1
Reg
0x41 – 0x44
0x49 – 0x4A
Event and Error enable interrupt register
to be written
2
Mask
Mask to apply to the specified register
(e.g. 0x01 set bit 1 of the specified
register)
BYTE
FIELD
VALUE
DESCRIPTION
0
FAST_EXTRACT_REQ
0x53
Fast Extract Request header
1
Location
0x00 – location 0
0x01 – location 1
Since DSP can extract two services
simultaneously, XM stack assigns an
extraction location.
2
channel_or_sid_flag
0x00 – use channel number
given in byte 3.
0x01 – use SID given in byte 4
If channel number is used, then the SDEC
will get the SID and PCIDs from CRW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com