Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA450A Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 4Page - STMicroelectronics STA450A Datasheet HTML 5Page - STMicroelectronics STA450A Datasheet HTML 6Page - STMicroelectronics STA450A Datasheet HTML 7Page - STMicroelectronics STA450A Datasheet HTML 8Page - STMicroelectronics STA450A Datasheet HTML 9Page - STMicroelectronics STA450A Datasheet HTML 10Page - STMicroelectronics STA450A Datasheet HTML 11Page - STMicroelectronics STA450A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
STA450A
8/66
Figure 5. STA450A Clocks Generation System
The system clock
The system clock sent to the DSP core and the peripherals can be derived from 4 sources of clock and the se-
lection is performed by m4. The control of m4 is performed by the 2 input pins (CLK_M1 & CLK_M0):
– 00 sys_clk = CLK_IN
– 01 sys_clk = CLK_IN divided by 2
– 10 sys_clk = sys_clockout
– 11sys_clk = sys_clockout divided by 2
In the chip, the duty cycle of the internal system clock must be as close as possible 50%.
When the sys_clk is derived from the external clock source (CLK_IN), the divider by 2 can be used to ensure a
50% duty cycle.
When the sys_clk is derived from the system PLL, the duty cycle of the sys_clockout signal is 50%. The divider
by 2 can be used to slow down the clock at a lower frequency than the minimum that can achieve the System
PLL.
The CLK_OUT pad is driven by the sys_clk divided by a programmable division factor ranging from 1 to 16; the
sys_clk frequency is divided by 2 * (N+1), where N is the value programmed with register sys_paddiv [3:0].
Configuration Equations for the System PLL:
X = pllsys_Xmodulo
MMDSP +
CORE
PCM INTERFACE
USSIO0
sysclk
sysclk
sysclk
sysclk
USSIO1
USSIO2
USSIO3
internal_pcmclk
MMIO
PERIPHERALS
DIV
MD+1
PFD
FREF
FIN
PLL DISABLE
/ 2
/ 2
C3
R
C
VCO
DIV
MD+1
DIV
MD+1
SWITCHING
CIRCUIT
CHARGE
PUMP
SYSTEM PLL
sys_paddiv(3:0)
sys_clockout
/ 2
(N+1)
OCLK
CLK_IN
CLKOUT
Emulation Unit
RS232 Interfaces
Host Interface
Timers Ext Interrupt
GPIO
I2C master
IO ROM
IT remap
FRAC0
m4
sys_clk
m5
DIV
MD+1
PFD
FREF
FIN
PLL DISABLE
C3
R
C
VCO
DIV
MD+1
DIV
MD+1
audio sample counter
SWITCHING
CIRCUIT
CHARGE
PUMP
AUDIO PLL
audio_clockout
external filter
FRAC0
D02AU1415
F
out
1
X1
+
-------------
Fref
IN
N1
+
-----------------
M1
reference
65536
-----------------------------
++


⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com