Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA450A Datasheet(PDF) 56 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 52Page - STMicroelectronics STA450A Datasheet HTML 53Page - STMicroelectronics STA450A Datasheet HTML 54Page - STMicroelectronics STA450A Datasheet HTML 55Page - STMicroelectronics STA450A Datasheet HTML 56Page - STMicroelectronics STA450A Datasheet HTML 57Page - STMicroelectronics STA450A Datasheet HTML 58Page - STMicroelectronics STA450A Datasheet HTML 59Page - STMicroelectronics STA450A Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
STA450A
56/66
4
text_label_flag
0x00 – no request
0x01 – get BIC text
If the system controller is requesting the
BIC text label, then set this flag to 0x01.
RECOMMENDATION: It's strongly
recommended that the system
controller set the text_label_flag to
0x00. For BIC text, its recommended
system controller use
BIC_TEXT_REQUEST command.
BYTE
FIELD
VALUE
DESCRIPTION
0
BIC_LABEL_CFM
0xB7
BIC Label Confirm header.
1
command_status
0x01 - SUCCESFUL
0xFF - FAILURE
Command status
2
location
0x00 - location 0
0x01- location 1
Since SDEC can extract two services
simultaneously, XM stack assigns an
extraction location
3
sid
1 - 255
SID of extracted location.
4
extartist_flag
0x00 – ABSENT
0x01 – PRESENT
artist label present or absent from
response.
Please note this octet is only present
when the extartist_label_flag is set to
0x01 (PRESENT) in BIC_LABEL_REQ
command.
5 to 6
extartist_size
1 to 80
artist label size
Please note this byte is only present
when the extartist_label_flag is set to
0x01 (PRESENT). in BIC_LABEL_REQ
command.
7 to
(6+exartist_size)
extartist_label
ISO-8859-1 character set
artist name
Please note this byte is only present
when the extartist_label_flag is set to
0x01 (PRESENT).in BIC_LABEL_REQ
command
Note: The maximum size of the BIC
extended artist name is 80 bytes.
Therefore artist_size < = 80 bytes.
artist_size +8
extsong_flag
0x00 – ABSENT
0x01 – PRESENT
song label present or absent from
response
Please note this octet is only present
when the extsong_label_flag is set to
0x01 (PRESENT) in BIC_LABEL_REQ
command.
artist_size + 9 to
artist_size +10
extsong_size
1 - 80
song label size.
Please note this byte is only present
when the extsong_label_flag is set to
0x01 (PRESENT).in BIC_LABEL_REQ
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com